Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F412RGY7TR Datasheet(PDF) 83 Page - STMicroelectronics

Part # STM32F412RGY7TR
Description  Arm®-Cortex®-M4 32b MCUFPU, 125 DMIPS, 1MB Flash, 256KB RAM, USB OTG FS, 17 TIMs, 1 ADC, 17 comm. interfaces
PDF  201 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F412RGY7TR Datasheet(HTML) 83 Page - STMicroelectronics

Back Button STM32F412RGY7TR Datasheet HTML 79Page - STMicroelectronics STM32F412RGY7TR Datasheet HTML 80Page - STMicroelectronics STM32F412RGY7TR Datasheet HTML 81Page - STMicroelectronics STM32F412RGY7TR Datasheet HTML 82Page - STMicroelectronics STM32F412RGY7TR Datasheet HTML 83Page - STMicroelectronics STM32F412RGY7TR Datasheet HTML 84Page - STMicroelectronics STM32F412RGY7TR Datasheet HTML 85Page - STMicroelectronics STM32F412RGY7TR Datasheet HTML 86Page - STMicroelectronics STM32F412RGY7TR Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 201 page
background image
DocID028087 Rev 7
83/201
STM32F412xE/G
Electrical characteristics
166
PD
Power dissipation at
TA = 85°C for range 6 or
TA = 105°C for range 7(8)
UFQFPN48
-
-
625
mW
WLCSP64
-
-
392
LQFP64
-
-
425
LQFP100
-
-
465
LQFP144
-
-
571
UFBGA100
-
-
351
UFBGA144
-
-
416
PD
Power dissipation at
TA = 125 °C for range 3(8)
UFQFPN48
-
-
156
WLCSP64
-
-
98
LQFP64
-
-
106
LQFP100
-
-
116
LQFP144
-
-
142
UFBGA100
-
-
88
UFBGA144
-
-
104
TA
Ambient temperature for
range 6
Maximum power dissipation
-40
-
85
°C
Low power dissipation(9)
-40
-
105
Ambient temperature for
range 7
Maximum power dissipation
-40
-
105
Low power dissipation(9)
-40
-
125
Ambient temperature for
range 3
Maximum power dissipation
-40
-
110
Low power dissipation(9)
-40
-
130
TJ
Junction temperature range
Range 6
-40
-
105
Range 7
-40
-
125
Range 3
-40
-
130
1. VDD/VDDA minimum value of 1.7 V with the use of an external power supply supervisor (refer to Section 3.18.2: Internal
reset OFF).
2. When the ADC is used, refer to Table 72: ADC characteristics.
3. If VREF+ pin is present, it must respect the following condition: VDDA-VREF+ < 1.2 V.
4. It is recommended to power VDD and VDDA from the same source. A maximum difference of 300 mV between VDD and
VDDA can be tolerated during power-up and power-down operation.
5. Only the DM (PA11) and DP (PA12) pads are supplied through VDDUSB. For application where the VBUS (PA9) is directly
connected to the chip, a minimum VDD supply of 2.7V is required.
(some application examples are shown in appendix B)
6. Guaranteed by test in production
7. To sustain a voltage higher than VDD+0.3, the internal Pull-up and Pull-Down resistors must be disabled
8. If TA is lower, higher PD values are allowed as long as TJ does not exceed TJmax.
9. In low power dissipation state, TA can be extended to this range as long as TJ does not exceed TJmax.
Table 16. General operating conditions (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com