Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F412RGY7TR Datasheet(PDF) 138 Page - STMicroelectronics

Part # STM32F412RGY7TR
Description  Arm®-Cortex®-M4 32b MCUFPU, 125 DMIPS, 1MB Flash, 256KB RAM, USB OTG FS, 17 TIMs, 1 ADC, 17 comm. interfaces
PDF  201 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F412RGY7TR Datasheet(HTML) 138 Page - STMicroelectronics

Back Button STM32F412RGY7TR Datasheet HTML 134Page - STMicroelectronics STM32F412RGY7TR Datasheet HTML 135Page - STMicroelectronics STM32F412RGY7TR Datasheet HTML 136Page - STMicroelectronics STM32F412RGY7TR Datasheet HTML 137Page - STMicroelectronics STM32F412RGY7TR Datasheet HTML 138Page - STMicroelectronics STM32F412RGY7TR Datasheet HTML 139Page - STMicroelectronics STM32F412RGY7TR Datasheet HTML 140Page - STMicroelectronics STM32F412RGY7TR Datasheet HTML 141Page - STMicroelectronics STM32F412RGY7TR Datasheet HTML 142Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 201 page
background image
Electrical characteristics
STM32F412xE/G
138/201
DocID028087 Rev 7
QSPI interface characteristics
Unless otherwise specified, the parameters given in the following tables for QSPI are
derived from tests performed under the ambient temperature, fAHB frequency and VDD
supply voltage conditions summarized in Table 16, with the following configuration:
•
Output speed is set to OSPEEDRy[1:0] = 11
•
Capacitive load C=20pF
•
Measurement points are done at CMOS levels: 0.5VDD
Refer to Section 6.3.16: I/O port characteristics for more details on the input/output alternate
function characteristics.
Table 67. QSPI dynamic characteristics in SDR mode(1)
1. Guaranteed by characterization results, not tested in production.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fSCK
1/tc(SCK)
QSPI clock
frequency
Write mode
1.71 V≤VDD≤3.6 V
Cload = 15 pF
--
80
MHz
Read mode
2.7 V<VDD<3.6 V
Cload = 15 pF
-
-
100
1.71 V≤VDD≤3.6 V
-
-
50
tw(CKH)
QSPI clock high
and low
-
(T(CK) / 2)-1
-
T(CK) / 2
ns
tw(CKL)
T(CK) / 2)
-
(T(CK) / 2)+1
ts(IN)
Data input setup
time
-0.5
-
-
th(IN)
Data input hold
time
-
3.5
-
-
tv(OUT)
Data output valid
time
--
1
1.5
th(OUT)
Data output hold
time
-0.5
-
-
Table 68. QSPI dynamic characteristics in DDR mode(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fSCK
1/tc(SCK)
QSPI clock
frequency
Write mode
1.71 V≤VDD≤3.6 V
Cload = 15 pF
--
80
MHz
Read mode
2.7 V<VDD<3.6 V
Cload = 15 pF
-
-
80
1.71 V≤VDD≤3.6 V
-
-
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com