Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LABMAX-PRO-SSIM Datasheet(PDF) 3 Page - Coherent Corp

Part # LABMAX-PRO-SSIM
Description  Laser Power and Energy Meter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COHERENT [Coherent Corp]
Direct Link  https://www.coherent.com/
Logo COHERENT - Coherent Corp

LABMAX-PRO-SSIM Datasheet(HTML) 3 Page - Coherent Corp

  LABMAX-PRO-SSIM Datasheet HTML 1Page - Coherent Corp LABMAX-PRO-SSIM Datasheet HTML 2Page - Coherent Corp LABMAX-PRO-SSIM Datasheet HTML 3Page - Coherent Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Coherent follows a policy of continuous product improvement. Specifications are subject to change without notice. Coherent’s scientific and industrial lasers are certified to comply with the Federal Regulations
(21 CFR Subchapter J) as administered by the Center for Devices and Radiological Health on all systems ordered for shipment after August 2, 1976.
Coherent offers a limited warranty for all LabMax-Pro SSIM laser power and energy meters. For full details of this warranty coverage, please refer to the Service section at www.Coherent.com or contact your local Sales
or Service Representative. Printed in the U.S.A. MC-009-14-0M0117Rev.B Copyright ©2017 Coherent, Inc.
Coherent, Inc.,
5100 Patrick Henry Drive Santa Clara, CA 95054
p. (800) 527-3786 | (408) 764-4983
f. (408) 764-4646
tech.sales@Coherent.com
www.Coherent.com
MECHANICAL SPECIFICATIONS
LabMax-Pro SSIM Datasheet
LabMax-Pro SSIM
4X No.4-40 Threads
2 PL, Near and Far Side
104.9 mm
(4.1 in.)
32 mm
(1.3 in.)
34.5 mm
(1.4 in.)
105.6 mm
(4.2 in.)
31 mm
(1.2 in.)
2 PL
43.5 mm
(1.7 in.)
2 PL
9.2 mm
(0.4 in.)
2 PL
13.7 mm
(0.5 in.)
2 PL
Top View
Front View
Side View
Rear View



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com