Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LABMAX-PRO-SSIM Datasheet(PDF) 1 Page - Coherent Corp

Part # LABMAX-PRO-SSIM
Description  Laser Power and Energy Meter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COHERENT [Coherent Corp]
Direct Link  https://www.coherent.com/
Logo COHERENT - Coherent Corp

LABMAX-PRO-SSIM Datasheet(HTML) 1 Page - Coherent Corp

  LABMAX-PRO-SSIM Datasheet HTML 1Page - Coherent Corp LABMAX-PRO-SSIM Datasheet HTML 2Page - Coherent Corp LABMAX-PRO-SSIM Datasheet HTML 3Page - Coherent Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Laser Power and Energy Meter
The LabMax-Pro represents the next generation of Coherent’s ground-
breaking LabMax line. This power meter combines the power and versa-
tility of the LabMax, with two new higher speed sampling modes when
used with PowerMax-Pro technology (Patent Pending). High speed mode
increases the continuous sampling rate to 20 kHz, enabling analysis of
laser pulse trains common in medical and micro welding applications.
Snapshot mode provides burst sampling at a rate of 625 kHz, enabling
users to view the rise time and pulse shape, while integrating the energy
of modulated lasers which are common in various commercial cutting
and drilling applications.
High speed sampling mode can improve processes in numerous applica-
tions. For example, it has also been used to speed up diode testing with
faster LIV curve sampling combined with higher sampling resolution.
In the traditional 10 Hz sampling mode, PowerMax-Pro sensors provide
an instant power reading, much like a photodiode but at very high pow-
ers. Legacy thermopiles and optical sensors are also compatible with the
10 Hz sampling mode, just like in past meters.
The product includes a new Windows-based PC application that enables
a wide range of analysis functions including statistics and histogram,
trending, tuning, data logging, as well as a new ability to zoom in on
detailed pulse shapes and pulse bursts with cursors and energy inte-
gration using PowerMax-Pro technology. The software interface allows
for flexible sizing of informational panes within the application, in which
contents are auto-sized dynamically as the panes are adjusted, allowing
the user to size the information of greatest importance.
Data is analyzed on the PC through USB or RS-232 interfaces through
the Windows PC application, or directly through host commands.
FEATURES
• Laser power and energy meter
• Compatible with PowerMax-Pro
and PM Model thermopiles, LM
model position-sensing thermopiles,
LM-2 & OP-2 optical sensors, and
EnergyMax DB-25 pyroelectric
energy sensors
• High speed sampling for laser pulse
analysis and energy integration
• Operation up to 10 kHz every pulse
with pyroelectric sensors
• USB and RS-232 interfaces
• Windows PC application
• Direct host commands support
OEM integration
• Windows 7 and 8 compatible
(32 and 64-bit)
APPLICATIONS
• Production/QA
• Engineering & Scientific
• Commercial OEM Integration
LabMax-Pro SSIM


Similar Part No. - LABMAX-PRO-SSIM

ManufacturerPart #DatasheetDescription
logo
Coherent Corp
LABMAX-METERS COHERENT-LABMAX-METERS Datasheet
107Kb / 2P
Laser Power and EnergyMeters
More results

Similar Description - LABMAX-PRO-SSIM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EM10DIN ETC2-EM10DIN Datasheet
134Kb / 4P
Energy Management Energy Meter
logo
Teridian Semiconductor ...
71M6521DE TERIDIAN-71M6521DE Datasheet
1Mb / 101P
Energy Meter IC
71M6531D TERIDIAN-71M6531D Datasheet
2Mb / 115P
Energy Meter IC
logo
Maxim Integrated Produc...
71M6541D_1111 MAXIM-71M6541D_1111 Datasheet
2Mb / 166P
Energy Meter ICs
Rev 2; 11/11
logo
STMicroelectronics
AN4154 STMICROELECTRONICS-AN4154 Datasheet
1Mb / 21P
Power supply for energy meter and power line modem
05-Nov-2012
logo
Roithner LaserTechnik G...
LASERCHECK ROITHNER-LASERCHECK Datasheet
122Kb / 2P
Handheld Laser Power Meter
logo
Linear Technology
LTC2946 LINER-LTC2946 Datasheet
2Mb / 20P
Wide Range I2C Power, Charge and Energy Meter
logo
SELEC Controls Pvt. Ltd
EM306A SELEC-EM306A Datasheet
406Kb / 1P
Energy Meter
EM368 SELEC-EM368 Datasheet
554Kb / 2P
Energy Meter
EM306 SELEC-EM306 Datasheet
67Kb / 1P
Energy Meter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com