Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LABMAX-PRO-SSIM Datasheet(PDF) 2 Page - Coherent Corp

Part # LABMAX-PRO-SSIM
Description  Laser Power and Energy Meter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COHERENT [Coherent Corp]
Direct Link  https://www.coherent.com/
Logo COHERENT - Coherent Corp

LABMAX-PRO-SSIM Datasheet(HTML) 2 Page - Coherent Corp

  LABMAX-PRO-SSIM Datasheet HTML 1Page - Coherent Corp LABMAX-PRO-SSIM Datasheet HTML 2Page - Coherent Corp LABMAX-PRO-SSIM Datasheet HTML 3Page - Coherent Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LabMax-Pro SSIM Datasheet
SPECIFICATIONS
LabMax-Pro SSIM
Measurement Resolution (%) (full-scale)
at 10 Hz speed
0.1
at 20 KHz high speed
0.2
Sensor Compatibility
PM Model Thermopile; PowerMax-Pro; LM Model Thermopile, OP-2 & LM-2 Optical,
DB-25 EnergyMax pyroelectric
Measurement Range
Sensor dependent (reference sensor specifications)
Accuracy (%)
Digital Meter
±1
System
Meter + sensor
Analog Output
±1
Calibration Uncertainty (%) (k=2)
±1
Power Sampling Rate
Pyroelectric (Hz)
10,000
LM-2/OP-2 Optical (Hz)
10
Thermopile (Hz)
10
PowerMax-Pro - Low Speed (Hz)
10
PowerMax-Pro - High Speed (Hz)
20,000
PowerMax-Pro - Snapshot Mode (Hz)
625,000
Analog Output (VDC)
0 to 1, 2, or 4.096 (selectable)
Analog Output Resolution (mV)
1
Analog Output Update Rate (kHz)
19
Measurement Analysis
Trending, tuning, histogram, data logging, statistics (min., max., mean, range, std. dev., dose,
stability), pulse shape and pulse energy (with PowerMax-Pro in High Speed and Snapshot mode),
long pulse Joules with thermopiles, beam position with LM Model thermopiles
Computer Interface
USB and RS-232
Pulse Triggering
Internal and External
Temperature
Operating Range
5 to 40°C (41 to 104°F)
Storage Range
-20 to 70°C (-68 to 158°F)
Instrument Power (external supply)
90 to 260 VAC, 50/60 Hz
Compliance
CE, RoHS, WEEE
Dimensions
105 x 105 x 32 mm (4.1 x 4.1 x 1.3 in.)
Weight
0.3 kg (0.6 lbs.)
Front Panel
Power switch
USB hi-speed port (mini B connector)
Trigger output (SMB connector)
Analog output (SMB connector)
RS-232 port (DB-9F connector)
Rear Panel
DB-25 sensor port
External trigger input (SMB connector, 3 to 5 Vin, 2 to 10 mA, 50 ohm AC, 300 ohm DC impedance)
Power jack (12VDC - center positive)
Part Number1
1268881
1 Meter supplied with AC power adapter, power cord, USB cable, BNC-to-SMB trigger cable, software and driver CD, and certificate of calibration.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com