Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC4513 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # EC4513
Description  White LED Step-Up Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EC4513 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  EC4513 Datasheet HTML 1Page - List of Unclassifed Manufacturers EC4513 Datasheet HTML 2Page - List of Unclassifed Manufacturers EC4513 Datasheet HTML 3Page - List of Unclassifed Manufacturers EC4513 Datasheet HTML 4Page - List of Unclassifed Manufacturers EC4513 Datasheet HTML 5Page - List of Unclassifed Manufacturers EC4513 Datasheet HTML 6Page - List of Unclassifed Manufacturers EC4513 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
White LED Step-Up Regulator
EC4513
Preliminary
PAGE
2 / 7
DR18EV9005-VER1.0
Absolute Maximum Ratings (TA = 25°C)
COMP, CNTL, IS to SGND. . . . . . . .. . . . . .. . . . . -0.3V to +6V
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . -65°C to +150°C
VOUT, VIN to SGND. . . . . . . . . . . . . . . . . . . . . . . . . . . . +19.5V
Lead Temperature . . . . . . . .. . . . . . . . . . . . . . . . . . . . . . . . . 300°C
LX to PGND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+20V
Operating Temperature . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
SGND to PGND . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +0.3V
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typ values are for information purposes only. Unless otherwise noted, all
tests are
at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Electrical Specifications
VIN = 3V, VO = 12V, C1 = 4.7µF, C2 = 1µF, C3 = 0.1µF, R1 = 5
&, TA = 25°C, unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input Voltage
2.6
13.2
V
IQ1
Shut-down Supply Current
VCNTL = 0V, Vin=3V
1
uA
ICOMP
COMP Pin Pull-up Current
COMP connected to SGND
10
uA
VCOMP
COMP Voltage Swing
0.5
2.5
3.5
V
ICNTL
CNTL shut-down Current
CNTL = 0V
1
uA
VCNTL1
Chip Enable Voltage
270
mV
Chip Disable Voltage
200
mV
IOUT_ACCURACY
VCNTL =1V
VCNTL =1V
14
15
16
mA
VOUT1
Over-voltage Threshold
VOUT rising
17
V
VOUT2
Over-voltage Threshold
VOUT falling
15
V
ILX
MOSFET Current Limit
500
mA
RDS_ON
MOSFET On-resistance
0.7
Ω
ILEAK
MOSFET leakage Current
VCNTL = 0V , VLX = 12V
1
uA
FS
Switching Frequency
800
1000
1200
KHz
DMAX
Maximum Duty Ratio
VCNTL = 2V , IS = 0
85
%
ICS
CS Input Bias Current
1
uA
△IO/△VIN
Line Requlation
VIN = 2.6V - 5.5V
0.05
%/V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com