Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC4513 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # EC4513
Description  White LED Step-Up Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EC4513 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  EC4513 Datasheet HTML 1Page - List of Unclassifed Manufacturers EC4513 Datasheet HTML 2Page - List of Unclassifed Manufacturers EC4513 Datasheet HTML 3Page - List of Unclassifed Manufacturers EC4513 Datasheet HTML 4Page - List of Unclassifed Manufacturers EC4513 Datasheet HTML 5Page - List of Unclassifed Manufacturers EC4513 Datasheet HTML 6Page - List of Unclassifed Manufacturers EC4513 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
White LED Step-Up Regulator
EC4513
Preliminary
PAGE
3 / 7
DR18EV9005-VER1.0
PIN Desription
PIN NUMBER
PIN NAME
DECRIPTION
1
COMP
Compensation pin. A compensation cap (2200pF to 0.1uF) is normally between this pin and SGND
2
CNTL
Control pin for dimming and shut-down. A voltage between 270mV and 5.5V
controls the brightness, and less then 200mV shuts down the converter.
3
VOUT
Output voltage sense. Use for over voltage protection
4
LX
Inductor connection pin. The drain of internal MOSFET.
5
PGND
Power Ground pin. The source of internal MOSFET.
6
SGND
Signal Ground. Ground pin for internal control circuitry. Needs to connect to PGND at only
one point
7
CS
Current sense pin. Connect to sensing resistor to set the LED bias current.
8
VIN
Power supply for internal control circuitry
Block Diagram



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com