Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC4513 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # EC4513
Description  White LED Step-Up Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EC4513 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  EC4513 Datasheet HTML 1Page - List of Unclassifed Manufacturers EC4513 Datasheet HTML 2Page - List of Unclassifed Manufacturers EC4513 Datasheet HTML 3Page - List of Unclassifed Manufacturers EC4513 Datasheet HTML 4Page - List of Unclassifed Manufacturers EC4513 Datasheet HTML 5Page - List of Unclassifed Manufacturers EC4513 Datasheet HTML 6Page - List of Unclassifed Manufacturers EC4513 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
White LED Step-Up Regulator
EC4513
Preliminary
PAGE
1 / 7
DR18EV9005-VER1.0
The EC4513 is a constant current boost regulator specially designed for driving white LEDs. It can drive 4
LEDs in series and achieves efficiency up to 90%. The brightness of the LEDs is adjusted through a voltage
level on the CNTL pin. When the level falls below 0.2V, the chip goes into shut-down mode and consumes
less than 1µA of supply current for VIN less than 5.5V. The EC4513 is available in the 8-pin MSOP packages.
Features
Applications
•
2.6V to 13.2V input voltage
•
PDAs
•
18V maximum output voltage
•
Cellular phones
•
•
Digital cameras
•
1MHz switching frequency
•
White LED backlighting
•
Up to 90% efficiency
•
1µA maximum shut-down current
•
Dimming control
•
8-pin MSOP packages
Pinouts
Application Circuit
MSOP 8-PIN
TOP VIEW


Similar Part No. - EC4513

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC4513 E-CMOS-EC4513 Datasheet
1,017Kb / 15P
High Efficiency 1MHz, Step up Regulator
EC4513NNFNR E-CMOS-EC4513NNFNR Datasheet
1,017Kb / 15P
High Efficiency 1MHz, Step up Regulator
More results

Similar Description - EC4513

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1521 ANACHIP-AP1521 Datasheet
200Kb / 8P
White LED Step-Up Converter
Rev. 0.1 Apr. 27, 2004
logo
IXYS Corporation
MX841 IXYS-MX841 Datasheet
202Kb / 6P
White LED Step-Up Converter
logo
Intersil Corporation
EL1848 INTERSIL-EL1848 Datasheet
482Kb / 12P
White LED Step-Up Regulator
March 31, 2004
EL7513 INTERSIL-EL7513_06 Datasheet
534Kb / 12P
White LED Step-Up Regulator
March 14, 2006
EL7513 INTERSIL-EL7513 Datasheet
321Kb / 12P
White LED Step-Up Regulator
December 22, 2008
logo
Unisonic Technologies
L5100 UTC-L5100_10 Datasheet
294Kb / 7P
WHITE LED STEP-UP CONVERTER
logo
BCD Semiconductor Manuf...
AP3019A BCDSEMI-AP3019A Datasheet
619Kb / 15P
WHITE LED STEP-UP CONVERTER
AP3036 BCDSEMI-AP3036 Datasheet
484Kb / 14P
WHITE LED STEP-UP CONVERTER
logo
Renesas Technology Corp
EL1848 RENESAS-EL1848 Datasheet
693Kb / 12P
White LED Step-Up Regulator
EL7513 RENESAS-EL7513 Datasheet
642Kb / 12P
White LED Step-Up Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com