Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74V1T05 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74V1T05
Description  SINGLE INVERTER OPEN DRAIN
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74V1T05 Datasheet(HTML) 1 Page - STMicroelectronics

  74V1T05 Datasheet HTML 1Page - STMicroelectronics 74V1T05 Datasheet HTML 2Page - STMicroelectronics 74V1T05 Datasheet HTML 3Page - STMicroelectronics 74V1T05 Datasheet HTML 4Page - STMicroelectronics 74V1T05 Datasheet HTML 5Page - STMicroelectronics 74V1T05 Datasheet HTML 6Page - STMicroelectronics 74V1T05 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
74V1T05
SINGLE INVERTER (OPEN DRAIN)
PRELIMINARY DATA
September 1999
s
HIGH SPEED: tPD = 6 ns (TYP.) at VCC =5V
s
LOW POWER DISSIPATION:
ICC =1
µA (MAX.) at TA =25 oC
s
COMPATIBLE WITH TTL OUTPUTS:
VIH =2V (MIN), VIL = 0.8V (MAX)
s
POWER DOWN PROTECTION ON INPUTS
s
OPERATING VOLTAGE RANGE:
VCC (OPR) = 4.5V to 5.5V
s
IMPROVED LATCH-UP IMMUNITY
DESCRIPTION
The 74V1T05 is an advanced high-speed CMOS
SINGLE INVERTER (OPEN DRAIN) fabricated
with sub-micron silicon gate and double-layer
metal wiring C
2MOS technology.
The internal circuit is composed of 3 stages
including buffer output, which provide high noise
immunity and stable output.
This device can, with an external pull-up resistor,
be used in wired AND configuration. This device
can also be used as a led driver in any other
application requiring a current sink.
Power down protection is provided on input and 0
to 7V can be accepted on input with no regard to
the supply voltage. This device can be used to
interface 5V to 3V.
PIN CONNECTION AND IEC LOGIC SYMBOLS
®
S
(SOT23-5L)
C
(SC-70)
ORDER CODE:
74V1T05S
74V1T05C
1/7


Similar Part No. - 74V1T05

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74V1T00 STMICROELECTRONICS-74V1T00 Datasheet
48Kb / 7P
SINGLE 2-INPUT NAND GATE
Oct-1999
74V1T00 STMICROELECTRONICS-74V1T00 Datasheet
108Kb / 9P
SINGLE 2-INPUT NAND GATE
Apr-2004
74V1T00C STMICROELECTRONICS-74V1T00C Datasheet
48Kb / 7P
SINGLE 2-INPUT NAND GATE
Oct-1999
74V1T00CTR STMICROELECTRONICS-74V1T00CTR Datasheet
108Kb / 9P
SINGLE 2-INPUT NAND GATE
Apr-2004
74V1T00S STMICROELECTRONICS-74V1T00S Datasheet
48Kb / 7P
SINGLE 2-INPUT NAND GATE
Oct-1999
More results

Similar Description - 74V1T05

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74V1G05 STMICROELECTRONICS-74V1G05 Datasheet
49Kb / 7P
SINGLE INVERTER OPEN DRAIN
Sep-1999
logo
Toshiba Semiconductor
TC7SZ05F TOSHIBA-TC7SZ05F Datasheet
157Kb / 5P
INVERTER (OPEN DRAIN)
logo
STMicroelectronics
74LX1G05 STMICROELECTRONICS-74LX1G05 Datasheet
127Kb / 10P
SINGLE INVERTER OPEN DRAIN
Mar-2002
logo
Toshiba Semiconductor
TC7SA05F TOSHIBA-TC7SA05F Datasheet
207Kb / 8P
Inverter (Open Drain)
logo
STMicroelectronics
74V1G05 STMICROELECTRONICS-74V1G05_04 Datasheet
111Kb / 9P
SINGLE INVERTER (OPEN DRAIN)
Apr-2004
logo
Toshiba Semiconductor
TC7SZ05AFS TOSHIBA-TC7SZ05AFS Datasheet
158Kb / 6P
INVERTER (Open Drain)
TC7SH05FE TOSHIBA-TC7SH05FE Datasheet
151Kb / 6P
INVERTER (Open Drain)
2009-09-30
TC7SH05FS TOSHIBA-TC7SH05FS Datasheet
177Kb / 6P
INVERTER (Open Drain)
2014-03-01
TC7SG05AFS TOSHIBA-TC7SG05AFS Datasheet
266Kb / 7P
Inverter (Open Drain)
2013-03-01
TC7SG05FE TOSHIBA-TC7SG05FE Datasheet
249Kb / 7P
Inverter (Open Drain)
2013-03-01
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com