Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KFCWDF110 Datasheet(PDF) 2 Page - GIACOMINI WATER E-MOTION

Part # KFCWDF110
Description  Fan coil for wall down installation
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIACOMINI [GIACOMINI WATER E-MOTION]
Direct Link  https://www.giacomini.com/en
Logo GIACOMINI - GIACOMINI WATER E-MOTION

KFCWDF110 Datasheet(HTML) 2 Page - GIACOMINI WATER E-MOTION

  KFCWDF110 Datasheet HTML 1Page - GIACOMINI WATER E-MOTION KFCWDF110 Datasheet HTML 2Page - GIACOMINI WATER E-MOTION KFCWDF110 Datasheet HTML 3Page - GIACOMINI WATER E-MOTION KFCWDF110 Datasheet HTML 4Page - GIACOMINI WATER E-MOTION KFCWDF110 Datasheet HTML 5Page - GIACOMINI WATER E-MOTION  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Giacomini S.p.A.
Via per Alzo 39, 28017 San Maurizio d’Opaglio (NO) Italy
 consulenza.prodotti@giacomini.com
 +39 0322 923111 - giacomini.com
PRODUCT CODE
VERSION
CONNECTIONS
CHARACTERISTICS
KFCWDF002
200
3/4”E
right-sided
Electronic board for wall remote control with fix speeds
Standard
thermostats
with speed
selector
KFCWDF004
400
KFCWDF006
600
KFCWDF008
800
KFCWDF010
1000
KFCWDF102
200
3/4”E
left-sided
KFCWDF104
400
KFCWDF106
600
KFCWDF108
800
KFCWDF110
1000
KFCWDM002
200
3/4”E
right-sided
Electronic board for wall remote control, speed modulating, with 0..10 V analogic inlet
Analogic
inlet
0..10 V
Without
temperature
sensor
KFCWDM004
400
KFCWDM006
600
KFCWDM008
800
KFCWDM010
1000
KFCWDM102
200
3/4”E
left-sided
KFCWDM104
400
KFCWDM106
600
KFCWDM108
800
KFCWDM110
1000
KFCWDB002
200
3/4”E
right-sided
Touchpad electronic control on machine edge, with steady-modulation thermostat
PI logic
Touchpad interface
Modulating speed
KFCWDB004
400
KFCWDB006
600
KFCWDB008
800
KFCWDB010
1000
KFCWDB102
200
3/4”E
left-sided
KFCWDB104
400
KFCWDB106
600
KFCWDB108
800
KFCWDB110
1000
Versions and product codes
Accessories
• KFCWDAP001: aesthetics pipes cover, white color
• KFCWDAP002: base support for fan coil, white color
• R439KFCY001: connection kit for fan coils with 3/4”E connections and increased Kv, composed of: insulated angle supply
valve with manual handwheel and M30 x 1,5 mm connection; insulated angle return lockshield with mechanical adjustment
using a 6 mm hex key; straight spacer fitting with manual air vent valve; nr.2 90° elbow fittings



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com