Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KFCWDF110 Datasheet(PDF) 5 Page - GIACOMINI WATER E-MOTION

Part # KFCWDF110
Description  Fan coil for wall down installation
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIACOMINI [GIACOMINI WATER E-MOTION]
Direct Link  https://www.giacomini.com/en
Logo GIACOMINI - GIACOMINI WATER E-MOTION

KFCWDF110 Datasheet(HTML) 5 Page - GIACOMINI WATER E-MOTION

  KFCWDF110 Datasheet HTML 1Page - GIACOMINI WATER E-MOTION KFCWDF110 Datasheet HTML 2Page - GIACOMINI WATER E-MOTION KFCWDF110 Datasheet HTML 3Page - GIACOMINI WATER E-MOTION KFCWDF110 Datasheet HTML 4Page - GIACOMINI WATER E-MOTION KFCWDF110 Datasheet HTML 5Page - GIACOMINI WATER E-MOTION  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
Giacomini S.p.A.
Via per Alzo 39, 28017 San Maurizio d’Opaglio (NO) Italy
 consulenza.prodotti@giacomini.com
 +39 0322 923111 - giacomini.com
Product specifications
KFC-WD
High-efficiency fan coil with slim exposed cabinet for wall down installation. With its refined design for residential installation,
this fan coil provides heating, cooling and dehumidification when combined to heat pumps. It features a tangential fan with
asymmetrical blades and an exchanger with a wide front surface to provide air flows with low losses of pressure and great
quietness. 2-pipe version, available with left-side or right-side connections. Modulated air flow for effective, imperceptible and
noiseless movements. Motor with DC inverter technology for very low energy consumptions and state-of-the-art operational
stability. RAL 9003 white. Three versions available: with electronic board for wall remote control with fix speeds; with electronic
board for wall remote control, modulating, with 0..10 V analogic outlet; with touchpad electronic control on the machine edge
and steady-modulation thermostat. Five different outputs available. Hydraulic connections 3/4"E. Cooling total output: 0,91 /
2,12 / 2,81 / 3,30 / 3,71 kW. Heating output: 1,02 / 2,21 / 3,02 / 3,81 / 4,32 kW. Max working pressure: 10 bar. Air flow rate at max
speed: 146 / 294 / 438 / 567 / 663 m³/h. Power supply voltage: 230 V / 1 ph / 50 Hz. Max static pressure available: 10 Pa. Max
acoustic power: 51 / 53 / 54 / 55 / 57 dB. Dimensions (W x H x D): 735 x 579 x 150 mm / 935 x 579 x 150 mm / 1135 x 579 x 150
mm / 1335 x 579 x 150 mm / 1535 x 579 x 150 mm. Weight: 17 / 20 / 23 / 26 / 29 kg.
Reference standards
CE and UKCA certification.
The CE marking certifies compliance to the European Community standards listed below:
• Low-voltage Standard 2014/35/EU
• Electromagnetic Compatibility Standard 2014/30/EU
• RoHS 2011/65/EU Directive
 Package Disposal. Carton boxes: paper recycling. Plastic bags and bubble wrap: plastic
recycling.
 Product Disposal. Do not dispose of product as municipal waste at the end of its life cycle.
Dispose of product at a special recycling platform managed by local authorities or at retailers
providing this type of service.
 Safety Warning. Installation, commissioning and periodical maintenance of the product
must be carried out by qualified operators in compliance with national regulations and/or local
standards. A qualified installer must take all required measures, including use of Individual
Protection Devices, for his and others’ safety. An improper installation may damage people,
animals or objects towards which Giacomini S.p.A. may not be held liable.
 Additional information. For more information, go to giacomini.com or contact our technical
assistance service. This document provides only general indications. Giacomini S.p.A. may change
at any time, without notice and for technical or commercial reasons, the items included herewith.
The information included in this technical sheet do not exempt the user from strictly complying
with the rules and good practice standards in force.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com