Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KFCWDF110 Datasheet(PDF) 3 Page - GIACOMINI WATER E-MOTION

Part # KFCWDF110
Description  Fan coil for wall down installation
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIACOMINI [GIACOMINI WATER E-MOTION]
Direct Link  https://www.giacomini.com/en
Logo GIACOMINI - GIACOMINI WATER E-MOTION

KFCWDF110 Datasheet(HTML) 3 Page - GIACOMINI WATER E-MOTION

  KFCWDF110 Datasheet HTML 1Page - GIACOMINI WATER E-MOTION KFCWDF110 Datasheet HTML 2Page - GIACOMINI WATER E-MOTION KFCWDF110 Datasheet HTML 3Page - GIACOMINI WATER E-MOTION KFCWDF110 Datasheet HTML 4Page - GIACOMINI WATER E-MOTION KFCWDF110 Datasheet HTML 5Page - GIACOMINI WATER E-MOTION  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Giacomini S.p.A.
Via per Alzo 39, 28017 San Maurizio d’Opaglio (NO) Italy
 consulenza.prodotti@giacomini.com
 +39 0322 923111 - giacomini.com
Technical data
VERSION
m.u.
200
400
600
800
1000
COOLING PERFORMANCE (W 7/12 °C; A 27 °C)
Cooling total output (1)
kW
0,91
2,12
2,81
3,30
3,71
Cooling sensible output(1)
kW
0,73
1,72
2,11
2,71
2,90
Water flow rate (1)
l/h
157
365
483
568
638
Losses of pressure (1)
kPa
12,1
8,2
17,1
18,0
21,2
HEATING PERFORMANCE (W 45/40 °C; A 20 °C)
Heating output (2)
kW
1,02
2,21
3,02
3,81
4,32
Water flow rate (2)
l/h
175
380
519
655
743
Losses of pressure (2)
kPa
9,1
9,2
19,1
21,2
23,3
HYDRAULIC DATA
Coil water content
L
0,47
0,80
1,13
1,46
1,80
Max working pressure
bar
10
10
10
10
10
Hydraulic connections
"
3/4"E
AERAULIC DATA
Air flow rate at max speed
m³/h
146
294
438
567
663
Air flow rate at medium speed
m³/h
90
210
318
410
479
Air flow rate at min speed
m³/h
49
118
180
247
262
Max static pressure available
Pa
10
10
13
13
13
ELECTRIC DATA
Power supply voltage
V/ph/Hz
230/1/50
Power absorbed at max speed
W
11,0
19,0
20,0
29,0
33,0
Max current absorbed
A
0,11
0,16
0,18
0,26
0,28
Power absorbed at min speed
W
5,0
4,0
6,0
5,0
6,0
ACOUSTIC DATA
Max acoustic power (3)
dB(A)
51
53
54
55
57
Acoustic pressure at max air flow rate (4)
dB(A)
41
42
44
46
47
Acoustic pressure at medium air flow rate (4)
dB(A)
33
34
34
35
38
Acoustic pressure at min air flow rate (4)
dB(A)
24
25
26
26
28
DIMENSIONS AND WEIGHTS
Total width
mm
735
935
1135
1335
1535
Total height
mm
579
579
579
579
579
Total depth
mm
150
150
150
150
150
Net weight
kg
17,0
20,0
23,0
26,0
29,0
(1) Coil delivery water temperature 7 °C, Coil return water temperature 12 °C, Air room temperature 27 °C d.b. and 19 °C h.b. (according to EN 1397)
(2) Coil delivery water temperature 45 °C, Coil return water temperature 40 °C, Air room temperature 20 °C d.b. and 15 °C h.b. (according to EN 1397)
(3) Acoustic power measured according to EN 16583
(4) Acoustic pressure from 1 m measured according to ISO 7779



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com