Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHT21 Datasheet(PDF) 10 Page - Sensirion AG Switzerland

Part # SHT21
Description  Humidity and Temperature Sensor IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SHT21 Datasheet(HTML) 10 Page - Sensirion AG Switzerland

Back Button SHT21 Datasheet HTML 6Page - Sensirion AG Switzerland SHT21 Datasheet HTML 7Page - Sensirion AG Switzerland SHT21 Datasheet HTML 8Page - Sensirion AG Switzerland SHT21 Datasheet HTML 9Page - Sensirion AG Switzerland SHT21 Datasheet HTML 10Page - Sensirion AG Switzerland SHT21 Datasheet HTML 11Page - Sensirion AG Switzerland SHT21 Datasheet HTML 12Page - Sensirion AG Switzerland SHT21 Datasheet HTML 13Page - Sensirion AG Switzerland SHT21 Datasheet HTML 14Page - Sensirion AG Switzerland  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Datasheet SHT21
www.sensirion.com / D1
Version 5 – October 2022
10/14
5.8
I2C Communication Recommendation
Uncontrolled operation in the No-Hold Master Mode (see
section 5.4) can very rarely result in false offsets of the
temperature or relative humidity measurement values14.
These offsets can occur, if a rising edge on the SCL falls
within 15 µs to 18.5 µs after the sensor has sent an
ACK bit, which confirms the correct reception of a
measurement command. In this time window the sensor’s
calibration data stored in the OTP memory, might be
corrupted during transmission to the working memory.
Once the offsets manifest in the measurement data, it will
remain until the next soft or hard reset. These offsets can
be completely avoided using one of the following four
workarounds:
1.
Recommended: Avoiding of rising edges in clock line
(SCL) during critical time window. To this end the stop
condition from the master should be sent >18.5 µs
after the ACK bit is send from the slave. This prevents
the offset to occur under all circumstances.
Figure 19 Stop condition after critical time window
2.
Sending the stop condition before the critical time
window, i.e. <15 µs and other communications
after 18.5 µs.
Figure 20 Stop condition before critical time window
3.
Operating in the Hold-Master mode only (see section
5.4).
4.
Performing an OTP reload each time a measurement
command is issued. This entails copying the content
of the OTP into the working memory, which results in
an increased measurement time of around 2.5 ms.
This can be achieved by changing the relevant bit in
the user register. As part of the OTP reload, all values
in the user register are reinitialized to their default
values (except the heater bit). Therefore, the bit
(BIT 1) in the user register that controls the OTP must
be changed prior to every measurement (see section
5.6).
14 If the sensor is operated using Sensibus commands the offset will not occur
5.9
Serial Number
SHT21 provides an electronic identification code. For
instructions on how to read the identification code please
refer to the Application Note “Electronic Identification
Code” – to be downloaded from the web page
www.sensirion.com/products/catalog/SHT21/.
6 Conversion of Signal Output
Default resolution is set to 12 bit relative humidity and 14
bit temperature reading. Measured data are transferred in
two byte packages, i.e. in frames of 8 bit length where the
most significant bit (MSB) is transferred first (left aligned).
Each byte is followed by an acknowledge bit. The two
status bits, the last bits of LSB, must be set to ‘0’ before
calculating physical values. In the example of Figure 15
and Figure 16, the transferred 16 bit relative humidity data
is ‘0110’0011’0101’0000’ = 25424.
6.1
Relative Humidity Conversion
With the relative humidity signal output SRH the relative
humidity RH is obtained by the following formula (result in
%RH), no matter which resolution is chosen:
16
RH
2
S
125
6
RH
+
−
=
In the example given in Figure 15 and Figure 16 the
relative humidity results to be 42.5 %RH.
The physical value RH given above corresponds to the
relative humidity above liquid water according to World
Meteorological Organization (WMO). For relative humidity
above ice RHi the values need to be transformed from
relative humidity above water RHw at temperature t. The
equation is given in the following, compare also
Application Note “Introduction to Humidity”:


+


+
=
t
λ
t
β
t
λ
t
β
RH
RH
i
i
w
w
w
i
exp
exp
Units are %RH for relative humidity and °C for
temperature. The corresponding coefficients are defined
as follows: βw = 17.62, λw = 243.12°C, βi = 22.46, λi =
272.62°C.
6.2
Temperature Conversion
The temperature T is calculated by inserting temperature
signal output ST into the following formula (result in °C), no
matter which resolution is chosen:
16
T
2
S
175.72
46.85
T
+
−
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com