Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHT21 Datasheet(PDF) 11 Page - Sensirion AG Switzerland

Part # SHT21
Description  Humidity and Temperature Sensor IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SHT21 Datasheet(HTML) 11 Page - Sensirion AG Switzerland

Back Button SHT21 Datasheet HTML 6Page - Sensirion AG Switzerland SHT21 Datasheet HTML 7Page - Sensirion AG Switzerland SHT21 Datasheet HTML 8Page - Sensirion AG Switzerland SHT21 Datasheet HTML 9Page - Sensirion AG Switzerland SHT21 Datasheet HTML 10Page - Sensirion AG Switzerland SHT21 Datasheet HTML 11Page - Sensirion AG Switzerland SHT21 Datasheet HTML 12Page - Sensirion AG Switzerland SHT21 Datasheet HTML 13Page - Sensirion AG Switzerland SHT21 Datasheet HTML 14Page - Sensirion AG Switzerland  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Datasheet SHT21
www.sensirion.com / D1
Version 5 – October 2022
11/14
7 Environmental Stability
The SHT2x sensor series were tested based on AEC-
Q100 Rev. G qualification test method where applicable.
Sensor specifications are tested to prevail under the AEC-
Q100 temperature grade 1 test conditions listed in Table
915.
Environment Standard
Results16
HTOL
125°C, 408 hours
Pass
TC
-50°C - 125°C, 1000 cycles
Pass
UHST
130°C / 85 %RH / ≈2.3 bar, 96 h
Pass
THB
85°C / 85 %RH, 1000 h
Pass
HTSL
150°C, 1000h
Pass
ELFR
125°C, 48h
Pass
ESD immunity HBM 4 kV, MM 200 V, CDM
750V/500V (corner/other pins)
Pass
Latch-up
force current of ±100 mA with Tamb
= 125°C
Pass
Table 9: Performed qualification test series. HTOL = High
Temperature Operating Lifetime, TC = Temperature Cycles,
UHST = Unbiased Highly accelerated Stress Test, THB =
Temperature Humidity Biased, HTSL = High Temperature
Storage Lifetime, ELFR = Early Life Failure Rate. For details on
ESD see Sect.4.1.
Sensor performance under other test conditions cannot be
guaranteed and is not part of the sensor specifications.
Especially, no guarantee can be given for sensor
performance in the field or for customer’s specific
application.
If sensors are qualified for reliability and behavior in
extreme conditions, please make sure that they
experience same conditions as the reference sensor. It
should be taken into account that response times in
assemblies may be longer, hence enough dwell time for
the measurement shall be granted. For detailed
information please consult Application Note “Testing
Guide”.
8 Packaging
8.1 Packaging Type
SHT2x sensors are provided in DFN packaging (in
analogy with QFN packaging). DFN stands for Dual Flat
No leads.
The sensor chip is mounted to a lead frame made of Cu
and plated with Ni/Pd/Au. Chip and lead frame are over
molded by green epoxy-based mold compound. Please
note that side walls of sensors are diced and hence lead
15 Temperature range is -40 to 125°C (AEC-Q100 temperature grade 1).
16 According to accuracy and long term drift specification given on Page 2.
frame at diced edge is not covered with respective
protective coating. The total weight of the sensor is 25 mg.
8.2
Filter Cap and Sockets
For SHT2x a filter cap SF2 will is available. It is designed
for fast response times and compact size. Please find the
datasheet on Sensirion’s web page.
For testing of SHT2x sensors sockets, such as from
Plastronics,
part
number
10LQ50S13030
are
recommended.
8.3
Traceability Information
All SHT2x are laser marked with an alphanumeric, five-
digit code on the sensor – see Figure 21.
The marking on the sensor consists of two lines with five
digits each. The first line denotes the sensor type
(SHT21). The first digit of the second line defines the
output mode (D = digital, Sensibus and I2C, P = PWM, S =
SDM). The second digit defines the manufacturing year (0
= 2010, 1 = 2011, etc.). The last three digits represent an
alphanumeric tracking code. That code can be decoded by
Sensirion only and allows for tracking on batch level
through production, calibration and testing – and will be
provided upon justified request.
Figure 21 Laser marking on SHT21. For details see text.
Reels are also labeled, as displayed in Figure 22 and
Figure 23, and give additional traceability information.
Figure 22: First label on reel: XX = Sensor Type (21 for SHT21),
O = Output mode (D = Digital, P = PWM, S = SDM), NN =
product revision no., Y = last digit of year, RRR = number of
sensors on reel divided by 10 (200 for 2000 units), TTTTT =
Traceability Code.
SHT21
D0AC4
Lot No.:
XXO-NN-YRRRTTTTT
Quantity:
RRRR
RoHS:
Compliant
Lot No.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com