Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHT21 Datasheet(PDF) 12 Page - Sensirion AG Switzerland

Part # SHT21
Description  Humidity and Temperature Sensor IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SHT21 Datasheet(HTML) 12 Page - Sensirion AG Switzerland

Back Button SHT21 Datasheet HTML 6Page - Sensirion AG Switzerland SHT21 Datasheet HTML 7Page - Sensirion AG Switzerland SHT21 Datasheet HTML 8Page - Sensirion AG Switzerland SHT21 Datasheet HTML 9Page - Sensirion AG Switzerland SHT21 Datasheet HTML 10Page - Sensirion AG Switzerland SHT21 Datasheet HTML 11Page - Sensirion AG Switzerland SHT21 Datasheet HTML 12Page - Sensirion AG Switzerland SHT21 Datasheet HTML 13Page - Sensirion AG Switzerland SHT21 Datasheet HTML 14Page - Sensirion AG Switzerland  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Datasheet SHT21
www.sensirion.com / D1
Version 5 – October 2022
12/14
Figure 23: Second label on reel: For Device Type and Part
Order Number (See Packaging Information on page 2), Delivery
Date (also Date Code) is date of packaging of sensors (DD =
day, MM = month, YYYY = year), CCCC = Sensirion order
number.
8.4
Shipping Package
SHT2x are provided in tape & reel shipment packaging,
sealed into antistatic ESD bags. Standard packaging sizes
are 400, 1500 and 5000 units per reel. For SHT21, each
reel contains 440 mm (55 pockets) header tape and
200 mm (25 pockets) trailer tape.
The drawing of the packaging tapes with sensor
orientation is shown in Figure 24. The reels are provided in
sealed antistatic bags.
Figure 24 Sketch of packaging tape and sensor orientation.
Header tape is to the right and trailer tape to the left on this
sketch.
9 Compatibility to SHT1x / 7x protocol
SHT2x sensors may be run by communicating with the
Sensirion specific communication protocol used for SHT1x
and SHT7x. In case such protocol is applied please refer
to the communication chapter of datasheet SHT1x or
SHT7x. Please note that reserved status bits of user
register must not be changed.
Please understand that with the SHT1x/7x communication
protocol only functions described in respective datasheets
can be used except for the OTP Reload function that is not
set to default on SHT2x. As an alternative to OTP Reload
the soft reset may be used. Please note that even if
SHT1x/7x protocol is applied the timing values of Table 5
and Table 7 in this SHT2x datasheet apply.
For the calculation of physical values the following
equation must be applied:
For relative humidity RH
RES
RH
2
S
125
6
RH
+
−
=
and for temperature T
RES
T
2
S
175.72
46.85
T
+
−
=
RES is the chosen respective resolution, e.g. 12 (12 bit)
for relative humidity and 14 (14 bit) for temperature.
10 Bibliography
[1]
Sensirion, "Handling Instructions for Humidity
Sensors," 2020.
8.0
2.0
4.0
0.3
1.3
R0.3 MAX
R0.25
Ø1.5 MIN
Ø1.5 MIN
3.3
0.25
Device Type:
1-100PPP-NN
Description:
Humidity & Temperature Sensor
SHTxx
Part Order No.
1-100PPP-NN or Customer Number
Date of Delivery: DD.MM.YYYY
Order Code:
46CCCC / 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com