Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH5410 Datasheet(PDF) 7 Page - OSRAM GmbH

Part # SFH5410
Description  IR-Empfanger fur Fernbedienungen
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH5410 Datasheet(HTML) 7 Page - OSRAM GmbH

  SFH5410 Datasheet HTML 1Page - OSRAM GmbH SFH5410 Datasheet HTML 2Page - OSRAM GmbH SFH5410 Datasheet HTML 3Page - OSRAM GmbH SFH5410 Datasheet HTML 4Page - OSRAM GmbH SFH5410 Datasheet HTML 5Page - OSRAM GmbH SFH5410 Datasheet HTML 6Page - OSRAM GmbH SFH5410 Datasheet HTML 7Page - OSRAM GmbH SFH5410 Datasheet HTML 8Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
SFH 5410
2004-07-27
7
Maßzeichnung
Package Outlines
Maße werden wie folgt angegeben: mm (inch) / Dimensions are specified as follows: mm (inch).
Zusätzliche Informationen über allgemeine Lötbedingungen erhalten Sie auf Anfrage.
For additional information on general soldering conditions please contact us.
Löthinweise
Soldering Conditions
Type
Tauch-, Schwall- und Schlepplötung
Dip, Wave and Drag Soldering
Reflowlötung
Reflow Soldering
Lötbad-
temperatur
Temperature
of the
Soldering Bath
Maximal
zulässige
Lötzeit
Max. Perm.
Soldering
Time
Abstand
Lötstelle -
Gehäuse
Distance
between
Solder Joints
and Package
Lötzonen-
temperatur
Temperature
of Soldering
Zone
Maximale
Durchlaufzeit
Max. Transit
Time
SFH 5410
–
–
–
245 °C
10 s
GEOY6978
4.5 (0.177)
4.3 (0.169)
Photosensitive
GND
6.7 (0.264)
6.2 (0.244)
1.1 (0.043)
0.9 (0.035)
Chip position
OUT
VCC
area
0.94 (0.037)
0.4 (0.016)
0.0 (0.000)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com