Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74V1T66 Datasheet(PDF) 3 Page - STMicroelectronics

Part # 74V1T66
Description  SINGLE BILATERAL SWITCH
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74V1T66 Datasheet(HTML) 3 Page - STMicroelectronics

  74V1T66 Datasheet HTML 1Page - STMicroelectronics 74V1T66 Datasheet HTML 2Page - STMicroelectronics 74V1T66 Datasheet HTML 3Page - STMicroelectronics 74V1T66 Datasheet HTML 4Page - STMicroelectronics 74V1T66 Datasheet HTML 5Page - STMicroelectronics 74V1T66 Datasheet HTML 6Page - STMicroelectronics 74V1T66 Datasheet HTML 7Page - STMicroelectronics 74V1T66 Datasheet HTML 8Page - STMicroelectronics 74V1T66 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
DC SPECIFICATIONS
Symb ol
Parameter
T est Cond ition s
Val ue
Un it
VCC
(V)
TA =25
oC
-40 to 85
oC
Min.
Typ .
Max.
Min .
Max.
VIH
High Level Input Voltage
5.0
(*)
2.0
2.0
V
VIL
Low Level Input Voltage
0.8
0.8
V
RON
ON Resistance
5.0
(*)
VIC =VIH
VI/O =VCC to G ND
II/O
≤ 1mA
12
17
20
Ω
RON
ON Resistance
5.0
(*)
VIC =VIH
VI/O =VCC or GND
II/O
≤ 1mA
10
14
18
Ω
IOFF
Input/Output Leakage
Current (SWITCH OFF)
5.5
VOS =VCC to GND
VIS =VCC to GND
VIC =VIL
±0.1
±1.0
µA
IIZ
Switch Input Leakage
Current (SWITCH ON,
OUTPUT OPEN)
5.5
VOS =VCC to GND
VIC =VIH
±0.1
±1.0
µA
IIN
Control Input Leakage
Current
0to
5.5
VIC = 5.5V or GND
±0.1
±1.0
µA
ICC
Quiescent Supply Current
5.5
VIC =VCC or GND
1
10
µA
(*) Voltage range is 5V
± 0.5V
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, Input tr =tf =3 ns)
Symb ol
Parameter
Test Co nditi on
Val ue
Un it
VCC
(V)
TA =25
oC
-40 to 85
oC
Min.
Typ .
Max.
Min .
Max.
tPD
Delay Time
5.0
(*)
0.1
0.2
1.0
ns
tPZL
tPZH
Output Enable Time
5.0
(*)
RL =1k
Ω
2.0
4.0
5.0
ns
tPLZ
tPHZ
Output Disable Time
5.0
(*)
RL =1k
Ω
5.0
7.5
9.0
ns
CIN
Input Capacitance
5
pF
CI/O
Switch Terminal
Capacitance
10
pF
CPD
Power Dissipation
Capacitance (note 1)
5.0
3
pF
1) CPD isdefined as the value of the IC’sinternal equivalent capacitance which is calculated fromthe operating current consumption without load. (Referto
Test Circuit).Average operating current can be obtained by the following equation. ICC(opr) = CPD
•VCC •fIN +ICC (switch).
(*) Voltage range is 5V
± 0.5V
74V1T66
3/8



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com