Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74V1T66 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74V1T66
Description  SINGLE BILATERAL SWITCH
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74V1T66 Datasheet(HTML) 1 Page - STMicroelectronics

  74V1T66 Datasheet HTML 1Page - STMicroelectronics 74V1T66 Datasheet HTML 2Page - STMicroelectronics 74V1T66 Datasheet HTML 3Page - STMicroelectronics 74V1T66 Datasheet HTML 4Page - STMicroelectronics 74V1T66 Datasheet HTML 5Page - STMicroelectronics 74V1T66 Datasheet HTML 6Page - STMicroelectronics 74V1T66 Datasheet HTML 7Page - STMicroelectronics 74V1T66 Datasheet HTML 8Page - STMicroelectronics 74V1T66 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
74V1T66
SINGLE BILATERAL SWITCH
®
February 2000
s
HIGH SPEED:
tPD = 0.1 ns (TYP.) at VCC =5V
s
LOW POWER DISSIPATION:
ICC =1
µA (MAX.) at TA =25 oC
s
LOW ”ON” RESISTANCE:
RON =10
Ω (TYP.)AT VCC=5V II/O=100µA
s
SINE WAVE DISTORTION
0.04% (TYP.) AT VCC=5V f=1KHz
DESCRIPTION
The 74V1T66 is an high-speed CMOS SINGLE
BILATERAL SWITCH fabricated in silicon gate
C2MOS technology. It achieves high speed
propagation
delay
and
VERY
LOW
ON
resistances while maintaining true CMOS low
power consumption. This feature makes this part
ideal
for
battery-powered
equipment.
This
bilateral switch handles rail to rail analog and
digital signals that may vary across the full
power-supply range (from Vcc to Ground).
The C input is provided to control the switch and
it’s compatible with standard TTL output; the
switch is ON when the C input is held high and off
when C is held low. It can be used in many
application as Battery Powered System, Audio
Signal Routing, Communications System, Test
Equipment. It’s available in the commercial
temperature range in SOT23-5L and SC-70-5L
package.
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
T UBE
T & R
SOT23-5L
74V1T66S-TR
SC-70
74V1T66C-TR
SOT23-5L
SC-70
1/8


Similar Part No. - 74V1T66

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74V1T66 STMICROELECTRONICS-74V1T66 Datasheet
138Kb / 11P
SINGLE BILATERAL SWITCH
Apr-2004
74V1T66CTR STMICROELECTRONICS-74V1T66CTR Datasheet
138Kb / 11P
SINGLE BILATERAL SWITCH
Apr-2004
74V1T66STR STMICROELECTRONICS-74V1T66STR Datasheet
138Kb / 11P
SINGLE BILATERAL SWITCH
Apr-2004
74V1T66 STMICROELECTRONICS-74V1T66_04 Datasheet
138Kb / 11P
SINGLE BILATERAL SWITCH
Apr-2004
More results

Similar Description - 74V1T66

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74H1G66 STMICROELECTRONICS-74H1G66 Datasheet
61Kb / 8P
SINGLE BILATERAL SWITCH
Feb-2000
74V1G66 STMICROELECTRONICS-74V1G66 Datasheet
67Kb / 9P
SINGLE BILATERAL SWITCH
Jun-2000
logo
Texas Instruments
SN74AUC1G66 TI-SN74AUC1G66 Datasheet
296Kb / 10P
SINGLE BILATERAL ANALOG SWITCH
logo
STMicroelectronics
74V1G66 STMICROELECTRONICS-74V1G66_04 Datasheet
138Kb / 11P
SINGLE BILATERAL SWITCH
Apr-2004
74H1G66 STMICROELECTRONICS-74H1G66_01 Datasheet
202Kb / 10P
SINGLE BILATERAL SWITCH
Jul-2001
74V1T66 STMICROELECTRONICS-74V1T66_04 Datasheet
138Kb / 11P
SINGLE BILATERAL SWITCH
Apr-2004
74V1G66 STMICROELECTRONICS-74V1G66_08 Datasheet
359Kb / 15P
Single bilateral switch
28-Oct-2008
logo
Texas Instruments
SN74AUC1G66 TI-SN74AUC1G66_09 Datasheet
532Kb / 17P
SINGLE BILATERAL ANALOG SWITCH
SN74LVC1G66 TI-SN74LVC1G66_09 Datasheet
688Kb / 20P
SINGLE BILATERAL ANALOG SWITCH
1P1G66QDBVRQ1 TI-1P1G66QDBVRQ1 Datasheet
905Kb / 19P
SINGLE BILATERAL ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com