Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74V1T66 Datasheet(PDF) 4 Page - STMicroelectronics

Part # 74V1T66
Description  SINGLE BILATERAL SWITCH
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74V1T66 Datasheet(HTML) 4 Page - STMicroelectronics

  74V1T66 Datasheet HTML 1Page - STMicroelectronics 74V1T66 Datasheet HTML 2Page - STMicroelectronics 74V1T66 Datasheet HTML 3Page - STMicroelectronics 74V1T66 Datasheet HTML 4Page - STMicroelectronics 74V1T66 Datasheet HTML 5Page - STMicroelectronics 74V1T66 Datasheet HTML 6Page - STMicroelectronics 74V1T66 Datasheet HTML 7Page - STMicroelectronics 74V1T66 Datasheet HTML 8Page - STMicroelectronics 74V1T66 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ANALOG SWITCH CHARACTERISTICS (GND = 0 V, TA =25
oC)
Symb ol
Parameter
Test Co ndi ti on
Val ue
Un it
VCC
(V)
VIN
(Vp-p)
Sine Wave Distortion
(THD)
5.0
(*)
4fIN = 1 KHz
RL = 10K
Ω
CL = 50 pF
0.04
%
fMAX
Frequency Response
(Switch ON)
5.0
(*)
Adjust fIN voltage to Obtain 0dBm at VOS.
Increase fIN Frequency until dB Meter reads -3dB
RL =50
Ω, CL = 10pF
180
MHz
Feedthrough
Attenuation
(Switch OFF)
5.0
(*)
VIN is centered at VCC/2.
Adjust fIN Voltage to obtain 0dBm at VIS
RL = 600
Ω,CL = 50pF, fIN = 1MHz sine wave
-60
dB
Crosstalk (Control
Input to Signal Output)
5.0
(*)
RL = 600
Ω,CL = 50pF, fIN = 1MHz square wave
tr =tf = 2.0ns
60
mV
(*) Voltage range is 5V
± 0.5V
74V1T66
4/8



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com