Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KOM2125 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # KOM2125
Description  2fach-Silizium-PIN Fotodiode in SMT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

KOM2125 Datasheet(HTML) 2 Page - OSRAM GmbH

  KOM2125 Datasheet HTML 1Page - OSRAM GmbH KOM2125 Datasheet HTML 2Page - OSRAM GmbH KOM2125 Datasheet HTML 3Page - OSRAM GmbH KOM2125 Datasheet HTML 4Page - OSRAM GmbH KOM2125 Datasheet HTML 5Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2001-02-21
2
KOM 2125, KOM 2125 FA
Grenzwerte
Maximum Ratings
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit
Betriebs- und Lagertemperatur
Operating and storage temperature range
T
op; Tstg
– 40
… +80
°C
Sperrspannung
Reverse voltage
V
R
60
V
Verlustleistung,
T
A = 25 °C
Total power dissipation
P
tot
150
mW
Kennwerte (
T
A = 25 °C)
Characteristics (
T
A = 25 °C)
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit
KOM 2125
KOM 2125 FA
Fotostrom
Photocurrent
V
R = 5 V, Normlicht/standard light A
T = 2856 K, E
v = 1000 Ix
V
R = 5 V, λ = 870 nm,Ee = 1mW/cm
2
Diode A
Diode B
Diode A
Diode B
I
P
I
P
40 (
> 30)
100 (> 75)
–
–
–
–
26 (> 20)
70 (> 50)
µA
µA
Wellenlänge der max. Fotoempfindlichkeit
Wavelength of max. sensitivity
λ
S max
850
900
nm
Spektraler Bereich der Fotoempfindlichkeit
S = 10% von S
max
Spectral range of sensitivity
S = 10% of S
max
λ
400
… 1100 750 ... 1100
nm
Bestrahlungsempfindliche Fläche
Diode A
Radiant sensitive area
Diode B
A
4
10
4
10
mm
2
Abmessung der
bestrahlungsempfindlichen Fläche
Dimensions of radiant sensitive area
Diode A
Diode B
L
× B
L
× W
2
× 2
2
× 5
2
× 2
2
× 5
mm
× mm
mm
× mm
Abstand Chipoberfläche zu Vergußoberfläche
Distance chip front to case seal
H
0.3
0.3
mm
Halbwinkel
Half angle
ϕ± 60
± 60
Grad
deg.
Dunkelstrom,
V
R = 10 V
Diode A
Dark current
Diode B
I
R
5 (
≤ 30)
10 (
≤ 30)
5 (
≤ 30)
10 (
≤ 30)
nA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com