Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KOM2125 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # KOM2125
Description  2fach-Silizium-PIN Fotodiode in SMT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

KOM2125 Datasheet(HTML) 4 Page - OSRAM GmbH

  KOM2125 Datasheet HTML 1Page - OSRAM GmbH KOM2125 Datasheet HTML 2Page - OSRAM GmbH KOM2125 Datasheet HTML 3Page - OSRAM GmbH KOM2125 Datasheet HTML 4Page - OSRAM GmbH KOM2125 Datasheet HTML 5Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
KOM 2125, KOM 2125 FA
2001-02-21
4
Relative Spectral Sensitivity
KOM 2125,
S
rel = f (λ)
Dark Current,
I
R = f (VR), E = 0
normalized to 10 V/25
°C
Directional Characteristics
S
rel = f (ϕ)
OHF01402
90
80
70
60
50
40
30
20
10
20
40
60
80
100
120
0.4
0.6
0.8
1.0
ϕ
0.2
0.4
0.6
0.8
1.0
100
0
0
0
Relative Spectral Sensitivity
KOM 2125 FA,
S
rel = f (λ)
Capacitance
C = f (V
R), f = 1 MHz, E = 0
λ
OHF01430
400
rel
S
0
600
800
1000 nm 1200
10
20
30
40
50
60
70
80
%
100
Photocurrent
I
P = f (Ev), VR = 5 V
Open-Circuit Voltage
V
O = f (Ev)
Dark Current
I
R = f (TA), VR = 10 V,
E = 0, normalized to T
A = 25 °C
Total Power Dissipation
P
tot = f (TA)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com