Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KOM2125 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # KOM2125
Description  2fach-Silizium-PIN Fotodiode in SMT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

KOM2125 Datasheet(HTML) 3 Page - OSRAM GmbH

  KOM2125 Datasheet HTML 1Page - OSRAM GmbH KOM2125 Datasheet HTML 2Page - OSRAM GmbH KOM2125 Datasheet HTML 3Page - OSRAM GmbH KOM2125 Datasheet HTML 4Page - OSRAM GmbH KOM2125 Datasheet HTML 5Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
KOM 2125, KOM 2125 FA
2001-02-21
3
Leerlaufspannung
Open-circuit voltage
E
v = 1000 Ix, Normlicht/standard light A
E
e = 1 mW/cm
2,
λ = 850 nm
V
O
V
O
350 (
> 300)
–
–
350 (
> 300)
mV
mV
Kurzschlussstrom
Short-circuit current
Normlicht/standard light A
T = 2856 K, E
v = 1000 Ix
λ = 870 nm, E
e = 1 mW/cm
2
Diode A
Diode B
Diode A
Diode B
I
SC
I
SC
38
95
–
–
–
–
24
66
µA
µA
Anstiegszeit/Abfallzeit
Diode A
Rise and fall time
Diode B
R
L = 50 Ω; VR = 5 V;
λ = 850 nm; I
P = 800 µA
t
r, tf
18
25
18
25
ns
Durchlassspannung,
I
F = 100 mA; E = 0
Forward voltage
V
F
1.0
1.0
V
Kapazität
Diode A
Capacitance
Diode B
V
R = 0 V; f = 1 MHz; E = 0
C
0
40
100
40
100
pF
Temperaturkoeffizient von
V
O
Temperature coefficient of
V
O
TC
V
– 2.6
– 2.6
mV/K
Temperaturkoeffizient von
I
P
Temperature coefficient of
I
P
Normlicht/standard light A
λ = 850 nm
TC
I
0.18
–
–
0.2
%/K
Rauschäquivalente
Strahlungsleistung
Diode A
Noise equivalent power
Diode B
V
R = 10 V
NEP
6.4
× 10– 14
9.1
× 10– 14
6.4
× 10– 14
9.1
× 10– 14
Nachweisgrenze,
V
R = 10 V
Diode A
Detection limit
Diode B
D*
3.1
× 1012
3.5
× 1012
3.1
× 1012
3.5
× 1012
Kennwerte (
T
A = 25 °C)
Characteristics (
T
A = 25 °C) (cont’d)
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit
KOM 2125
KOM 2125 FA
W
Hz
------------
cm
Hz
×
W
--------------------------



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com