Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MI030 Datasheet(PDF) 11 Page - Pico Technology Ltd.

Part # MI030
Description  6 GHz vector network analyzer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

MI030 Datasheet(HTML) 11 Page - Pico Technology Ltd.

Back Button MI030 Datasheet HTML 7Page - Pico Technology Ltd. MI030 Datasheet HTML 8Page - Pico Technology Ltd. MI030 Datasheet HTML 9Page - Pico Technology Ltd. MI030 Datasheet HTML 10Page - Pico Technology Ltd. MI030 Datasheet HTML 11Page - Pico Technology Ltd. MI030 Datasheet HTML 12Page - Pico Technology Ltd. MI030 Datasheet HTML 13Page - Pico Technology Ltd. MI030 Datasheet HTML 14Page - Pico Technology Ltd. MI030 Datasheet HTML 15Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
PicoVNA™ 106 vector network analyzer
Specifications
Standard conditions: 10 Hz resolution bandwidth, at –3 dBm test power, at an ambient temperature of between 20°C and 30°C but within 1°C of the calibration temperature and
60 minutes after power-up.
Receiver characteristics
Parameter
Value
Conditions
Measurement bandwidth
140 kHz, 70 kHz, 35 kHz, 15 kHz, 10 kHz, 5 kHz, 1 kHz,
500 Hz, 100 Hz, 50 Hz, 10 Hz
Average displayed noise floor
Band (MHz)
Typical (dB)
Max. (dB)
0.3 – 10
–110
–100
10 – 4000
–118
–108
> 4000
–110
–100
Relative to the test signal level set to maximum power after an S
21
calibration.
Ports terminated as during the isolation calibration step.
Dynamic range
See graphs (typical, excludes crosstalk)
10 Hz bandwidth
Maximum (+6 dBm) test power
No averaging
Dynamic range 0.3 MHz to 10 MHz
Dynamic range 10 MHz to 6 GHz
Temperature stability, typical
0.02 dB/°C for F < 4 GHz
0.04 dB/°C for F ≥ 4 GHz
Measured after an S
21 calibration
Trace noise (RMS)
Bandwidth (kHz) Typical (dB)
Max. (dB)
10
0.0008
0.002
70
0.003
0.005
140
0.005
0.01
201-point sweep covering 1 MHz to 6 GHz.
Test power set to 0 dBm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com