Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MI030 Datasheet(PDF) 13 Page - Pico Technology Ltd.

Part # MI030
Description  6 GHz vector network analyzer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

MI030 Datasheet(HTML) 13 Page - Pico Technology Ltd.

Back Button MI030 Datasheet HTML 9Page - Pico Technology Ltd. MI030 Datasheet HTML 10Page - Pico Technology Ltd. MI030 Datasheet HTML 11Page - Pico Technology Ltd. MI030 Datasheet HTML 12Page - Pico Technology Ltd. MI030 Datasheet HTML 13Page - Pico Technology Ltd. MI030 Datasheet HTML 14Page - Pico Technology Ltd. MI030 Datasheet HTML 15Page - Pico Technology Ltd. MI030 Datasheet HTML 16Page - Pico Technology Ltd. MI030 Datasheet HTML 17Page - Pico Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
PicoVNA™ 106 vector network analyzer
Calibration kits
Device
PC3.5(f)
PC3.5(m) SMA(f)*
SMA(m)* Frequency (GHz)
* SMA calibration kits are calibrated in a PC3.5 reference system.
Load
Uncorrected return loss
≥ 30 dB
≥ 27 dB
≥ 30 dB
≥ 26 dB
≥ 30 dB
≥ 26 dB
≥ 28 dB
≥ 26 dB
≤ 3
> 3
Corrected return loss
≥ 46 dB
≥ 43 dB
≥ 46 dB
≥ 43 dB
≥ 40 dB
≥ 37 dB
≥ 40 dB
≥ 37 dB
≤ 3
> 3
Inferred from directivity after applying correction using measured
data provided with the kit
Open circuit
Return loss
≤ 0.15 dB
≤ 0.2 dB
≤ 3
> 3
Short circuit
Return loss
≤ 0.2 dB
≤ 0.25 dB
≤ 3
> 3
Through adaptor
Insertion loss
≤ 0.15 dB ≤ 0.15 dB ≤ 0.15 dB ≤ 0.2 dB
≤ 6 GHz
Bias-T input characteristics
Maximum current
250 mA
Maximum DC voltage
±15 V
Current protection
Built-in resettable fuse
DC port connectors
SMB(m)
Sweep I/O characteristics
Sweep trigger output voltage
Low: 0 V to 0.8 V
High: 2.2 V to 3.6 V
Sweep trigger input voltage
Low: –0.1 V to 1 V
High: 2.0 V to 4 V
Sweep trigger input voltage
±6 V
No damage
Sweep trigger in/out connectors
BNC female on back panel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com