Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MI030 Datasheet(PDF) 17 Page - Pico Technology Ltd.

Part # MI030
Description  6 GHz vector network analyzer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

MI030 Datasheet(HTML) 17 Page - Pico Technology Ltd.

Back Button MI030 Datasheet HTML 9Page - Pico Technology Ltd. MI030 Datasheet HTML 10Page - Pico Technology Ltd. MI030 Datasheet HTML 11Page - Pico Technology Ltd. MI030 Datasheet HTML 12Page - Pico Technology Ltd. MI030 Datasheet HTML 13Page - Pico Technology Ltd. MI030 Datasheet HTML 14Page - Pico Technology Ltd. MI030 Datasheet HTML 15Page - Pico Technology Ltd. MI030 Datasheet HTML 16Page - Pico Technology Ltd. MI030 Datasheet HTML 17Page - Pico Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 17 / 17 page
background image
Ordering information
Order code
Description
USD*
EUR*
GBP*
PQ111
PicoVNA 106 6 GHz vector network analyzer
5995
5085
4205
TA336
Standard 6 GHz flexible test lead, male port, N(m)-SMA(m)
279
239
199
TA337
Standard 6 GHz flexible test lead, female port, N(m)-SMA(f)
279
239
199
TA338
Premium 6 GHz flex-form test lead, male port, N(m)-PC3.5(m)
749
639
529
TA339
Premium 6 GHz flex-form test lead, female port, N(m)-PC3.5(f)
749
639
529
TA342
ADA-STD-M Standard test port adaptor SMA(m-m)
74
60
49
TA343
ADA-STD-F Standard test port adaptor SMA(f-f)
74
60
49
TA340
ADA-PREM-M Premium test port adaptor PC3.5(m-m)
139
119
99
TA341
ADA-PREM-F Premium test port adaptor PC3.5(f-f)
139
119
99
TA344
SOLT-STD-M Standard 6 GHz SOLT calibration kit, SMA(m)
449
389
319
TA345
SOLT-STD-F Standard 6 GHz SOLT calibration kit, SMA(f)
449
389
319
TA346
SOLT-PREM-M Premium 6 GHz SOLT calibration kit, PC3.5(m)
749
639
529
TA347
SOLT-PREM-F Premium 6 GHz SOLT calibration kit, PC3.5(f)
749
639
529
MI030
BNC-BNC cable 1 m
14
12
9
TA170
Adaptor 18 GHz 50 Ω SMA(m-f)
20
18
14
TA314
Adaptor 18 GHz 50 Ω SMA(f)-N(m)
119
99
81
TA262
Attenuator 10 dB 10 GHz 50 Ω SMA(m-f)
75
67
53
TA173
Attenuator 20 dB 10 GHz 50 Ω SMA(m-f)
75
67
53
TA181
Attenuator 3 dB 10 GHz 50 Ω SMA(m-f)
75
67
53
TA261
Attenuator 6 dB 10 GHz 50 Ω SMA(m-f)
75
67
53
TA265
Precision sleeved coaxial cable (30 cm 1.3 dB @ 13 GHz)
65
58
46
TA312
Precision sleeved coaxial cable (60 cm 2.2 dB @ 13 GHz)
70
59
47
TA358
Dual-break torque wrench N-type 1 N·m / 8.85 in·lb
199
169
139
TA356
Dual-break torque wrench SMA / PC3.5 / K-type, 1 N·m / 8.85 in·lb
199
169
139
CC046
PicoVNA 106 calibration certificate and data
349
299
249
CC047
SOLT-STD-M or SOLT-STD-F calibration
99
84
69
CA048
SOLT-PREM-M or SOLT-PREM-F calibration
139
119
99
* Prices correct at the time of publication. Sales taxes not included. Please check www.picotech.com for the latest prices before ordering.
Errors and omissions excepted. Pico Technology and PicoScope are internationally registered trade marks of Pico Technology Ltd.
MM084.en-3. Copyright © 2017 Pico Technology Ltd. All rights reserved.
www.picotech.com
UK global headquarters:
Pico Technology
James House
Colmworth Business Park
St. Neots
Cambridgeshire
PE19 8YP
United Kingdom
+44 (0) 1480 396 395
+44 (0) 1480 396 296
sales@picotech.com
North America regional office:
Pico Technology
320 N Glenwood Blvd
Tyler
Texas 75702
United States
+1 800 591 2796
+1 620 272 0981
sales@picotech.com
Asia-Pacific regional office:
Pico Technology
Room 2252, 22/F, Centro
568 Hengfeng Road
Zhabei District
Shanghai 200070
PR China
+86 21 2226-5152
pico.china@picotech.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com