Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74VHC125M Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74VHC125M
Description  QUAD BUS BUFFERS 3-STATE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VHC125M Datasheet(HTML) 1 Page - STMicroelectronics

  74VHC125M Datasheet HTML 1Page - STMicroelectronics 74VHC125M Datasheet HTML 2Page - STMicroelectronics 74VHC125M Datasheet HTML 3Page - STMicroelectronics 74VHC125M Datasheet HTML 4Page - STMicroelectronics 74VHC125M Datasheet HTML 5Page - STMicroelectronics 74VHC125M Datasheet HTML 6Page - STMicroelectronics 74VHC125M Datasheet HTML 7Page - STMicroelectronics 74VHC125M Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
74VHC125
QUAD BUS BUFFERS (3-STATE)
PRELIMINARY DATA
June 1999
PIN CONNECTION AND IEC LOGIC SYMBOLS
s
HIGH SPEED: tPD = 3.8 ns (TYP.) at VCC =5V
s
LOW POWER DISSIPATION:
ICC =4
µA (MAX.) at TA =25 oC
s
HIGH NOISE IMMUNITY:
VNIH =VNIL =28% VCC (MIN.)
s
POWER DOWN PROTECTION ON INPUTS
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH|=IOL = 8 mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH
≅ tPHL
s
OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 5.5V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 125
s
IMPROVED LATCH-UP IMMUNITY
s
LOW NOISE: VOLP = 0.8V (Max.)
DESCRIPTION
The 74VHC125 is an advanced high-speed
CMOS QUAD BUS BUFFERS fabricated with
sub-micron silicon gate and double-layer metal
wiring C
2MOS technology.
This device requires the 3-STATE control input G
to be set high to place the output into the high
impedance state.
Power down protection is provided on all inputs
and 0 to 7V can be accepted on inputs with no
regard to the supply voltage. This device can be
used to interface 5V to 3V.
All inputs
and
outputs are
equipped with
protection circuits against static discharge, giving
them 2kV ESD immunity and transient excess
voltage.
ORDER CODES :
74VHC125M
74VHC125T
M
(Micro Package)
T
(TSSOP Package)
®
1/8


Similar Part No. - 74VHC125M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC125M FAIRCHILD-74VHC125M Datasheet
77Kb / 8P
Quad Buffer with 3-STATE Outputs
74VHC125M FAIRCHILD-74VHC125M Datasheet
198Kb / 9P
Quad Buffer with 3-STATE Outputs
logo
ON Semiconductor
74VHC125M ONSEMI-74VHC125M Datasheet
225Kb / 9P
Quad Buffer with 3-STATE Outputs
December 2007 Rev. 1.4.0
logo
Fairchild Semiconductor
74VHC125MTC FAIRCHILD-74VHC125MTC Datasheet
77Kb / 8P
Quad Buffer with 3-STATE Outputs
74VHC125MTC FAIRCHILD-74VHC125MTC Datasheet
198Kb / 9P
Quad Buffer with 3-STATE Outputs
More results

Similar Description - 74VHC125M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74ACT125 STMICROELECTRONICS-74ACT125 Datasheet
75Kb / 8P
QUAD BUS BUFFERS 3-STATE
May-1997
74LVQ125 STMICROELECTRONICS-74LVQ125 Datasheet
61Kb / 8P
QUAD BUS BUFFERS 3-STATE
Feb-1999
74VHC126 STMICROELECTRONICS-74VHC126 Datasheet
61Kb / 8P
QUAD BUS BUFFERS (3-STATE)
Jun-1999
74VHCT125A STMICROELECTRONICS-74VHCT125A Datasheet
60Kb / 8P
QUAD BUS BUFFERS 3-STATE
Aug-1999
74VHCT126A STMICROELECTRONICS-74VHCT126A Datasheet
60Kb / 8P
QUAD BUS BUFFERS 3-STATE
Mar-2000
M54HC125 STMICROELECTRONICS-M54HC125 Datasheet
256Kb / 9P
QUAD BUS BUFFERS 3-STATE
March 2004
M54HCT125 STMICROELECTRONICS-M54HCT125 Datasheet
254Kb / 10P
QUAD BUS BUFFERS 3-STATE
Oct-1993
74ACT125MTR STMICROELECTRONICS-74ACT125MTR Datasheet
178Kb / 9P
QUAD BUS BUFFERS (3-STATE)
Jul-2001
74AC125 STMICROELECTRONICS-74AC125 Datasheet
170Kb / 9P
QUAD BUS BUFFERS (3-STATE)
Jul-2001
74VHC125 STMICROELECTRONICS-74VHC125_04 Datasheet
239Kb / 12P
QUAD BUS BUFFERS (3-STATE)
12-Nov-2004
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com