Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R274-R274N-0576 Datasheet(PDF) 3 Page - GIACOMINI WATER E-MOTION

Part # R274-R274N-0576
Description  6-way zone valves
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIACOMINI [GIACOMINI WATER E-MOTION]
Direct Link  https://www.giacomini.com/en
Logo GIACOMINI - GIACOMINI WATER E-MOTION

R274-R274N-0576 Datasheet(HTML) 3 Page - GIACOMINI WATER E-MOTION

  R274-R274N-0576 Datasheet HTML 1Page - GIACOMINI WATER E-MOTION R274-R274N-0576 Datasheet HTML 2Page - GIACOMINI WATER E-MOTION R274-R274N-0576 Datasheet HTML 3Page - GIACOMINI WATER E-MOTION R274-R274N-0576 Datasheet HTML 4Page - GIACOMINI WATER E-MOTION R274-R274N-0576 Datasheet HTML 5Page - GIACOMINI WATER E-MOTION R274-R274N-0576 Datasheet HTML 6Page - GIACOMINI WATER E-MOTION R274-R274N-0576 Datasheet HTML 7Page - GIACOMINI WATER E-MOTION R274-R274N-0576 Datasheet HTML 8Page - GIACOMINI WATER E-MOTION  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Actuator K274Y072 (optional)
• Type of command: 2÷10 V
• Opening time: 60 s
• Maximum torque: 10 Nm
• Electric absorption: 4,5 VA, 5 W
• Insulation class: III
• Protection degree: IP54
• Room working temperature range: 0÷50 °C
• Room working humidity: 5÷95 % with non-condensing R.H.
• Electric cable length: 1 m (6 x 0,5 mm2)
• Possibility of manual control with maneuvering knob
6-way valves R274 and R274N
• Fluid working temperature range: 5÷90 °C
• Rated pressure (PN): 16 bar
• Maximum differential pressure: 2 bar
• Maximum glycol percentage: 50 % (the percentage of
glycol must be equal for both circuits - heating and
cooling)
• Leakage rate (according to EN12266-1): A, no leakage
• Connection for actuator: F04 - ISO 5211
Materials
• Valve body: brass CW617N or CW602N (DZR) depending
on version
• Gaskets: low-friction PTFE / EPDM
• Connection for actuator: PA66-GF30
Technical data
Calibrated washers P21S (optional)
Calibrated washers with seeger ring, made of stainless steel.
Losses of pressure
Loss of pressure values for valves R274Y033 and R274Y133 inclusive of delivery and return, with or without calibrated washers.
PRODUCT CODE
TOTAL Kv
(VALVE DELIVERY AND RETURN + WASHER)
Valve + P21SY001
0,25 (washer hole Ø 2,7 mm)
Valve + P21SY002
0,40 (washer hole Ø 3,5 mm)
Valve + P21SY003
0,65 (washer hole Ø 4,5 mm)
Valve + P21SY004
1,00 (washer hole Ø 6,0 mm)
Valve + P21SY005
1,30 (washer hole Ø 7,0 mm)
Valve + P21SY006
1,60 (washer hole Ø 8,0 mm)
Valve without P21S
1,90
0,1
0,01
1,0
10,0
Q [m3/h]
0,01
0,10
1,00
0,25
Kv:
0,4 0,65
1
1,3 1,61,9
Loss of pressure values for valves R274Y045, R274Y145, R274Y023, R274Y024 and R274Y025 inclusive of delivery and return, with
or without calibrated washers.
PRODUCT CODE
TOTAL Kv
(VALVE DELIVERY AND RETURN + WASHER)
Valve + P21SY011
0,25 (washer hole Ø 3 mm)
Valve + P21SY012
0,40 (washer hole Ø 4 mm)
Valve + P21SY013
0,65 (washer holea Ø 4,5 mm)
Valve + P21SY014
1,00 (washer hole Ø 5,8 mm)
Valve + P21SY015
1,30 (washer hole Ø 6,7 mm)
Valve + P21SY016
1,60 (washer hole Ø 7,5 mm)
Valve + P21SY017
2,50 (washer hole Ø 9,0 mm)
Valve + P21SY018
3,45 (washer hole Ø 12,7 mm)
R274Y023 without P21S
3,45
R274Y024 without P21S
4,00
R274Y025/045/145 without P21S
4,25
WARNING. The valve is suitable for installation in indoor rooms and
boiler rooms, and use with non-aggressive fluids (water, glycol-based water
complying with VDI 2035/ÖNORM 5195).
0,1
0,01
1,0
10,0
Q [m3/h]
0,01
0,10
1,00
0,25
Kv:
0,4 0,65
1
1,3 1,6 2,5 3,45
4,0
4,25
3,45



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com