Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R274-R274N-0576 Datasheet(PDF) 8 Page - GIACOMINI WATER E-MOTION

Part # R274-R274N-0576
Description  6-way zone valves
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIACOMINI [GIACOMINI WATER E-MOTION]
Direct Link  https://www.giacomini.com/en
Logo GIACOMINI - GIACOMINI WATER E-MOTION

R274-R274N-0576 Datasheet(HTML) 8 Page - GIACOMINI WATER E-MOTION

  R274-R274N-0576 Datasheet HTML 1Page - GIACOMINI WATER E-MOTION R274-R274N-0576 Datasheet HTML 2Page - GIACOMINI WATER E-MOTION R274-R274N-0576 Datasheet HTML 3Page - GIACOMINI WATER E-MOTION R274-R274N-0576 Datasheet HTML 4Page - GIACOMINI WATER E-MOTION R274-R274N-0576 Datasheet HTML 5Page - GIACOMINI WATER E-MOTION R274-R274N-0576 Datasheet HTML 6Page - GIACOMINI WATER E-MOTION R274-R274N-0576 Datasheet HTML 7Page - GIACOMINI WATER E-MOTION R274-R274N-0576 Datasheet HTML 8Page - GIACOMINI WATER E-MOTION  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
Giacomini S.p.A.
Via per Alzo 39, 28017 San Maurizio d’Opaglio (NO) Italia
 consulenza.prodotti@giacomini.com
 +39 0322 923372 - giacomini.com
Product specifications
R274
6-way zone valve, ideal for managing the water supply to a single usage point from two different sources of thermal energy.
Body in brass CW617N. Gaskets in PTFE. Male threaded connections ISO 228 with flat seat tail pieces. Calibrated washers can
be installed for controlling losses of pressure. Fluid working temperature range: 5÷90 °C. Rated pressure: 16 bar. Maximum
glycol percentage: 50 %.
R274N
6-way zone valve, ideal for managing the water supply to a single usage point from two different sources of thermal energy.
Body in brass CW617N or CW602N (DZR) depending on versions. Gaskets in PTFE. Male threaded connections ISO 228 with
optional fittings installation. Calibrated washers can be installed for controlling losses of pressure. Fluid working temperature
range: 5÷90 °C. Rated pressure: 16 bar. Maximum glycol percentage: 50 %.
 Package Disposal. Carton boxes: paper recycling. Plastic bags and bubble wrap: plastic
recycling.
 Product Disposal. Do not dispose of product as municipal waste at the end of its life cycle.
Dispose of product at a special recycling platform managed by local authorities or at retailers
providing this type of service.
 Safety Warning. Installation, commissioning and periodical maintenance of the product
must be carried out by qualified operators in compliance with national regulations and/or local
standards. A qualified installer must take all required measures, including use of Individual
Protection Devices, for his and others’ safety. An improper installation may damage people,
animals or objects towards which Giacomini S.p.A. may not be held liable.
 Additional information. For more information, go to giacomini.com or contact our technical
assistance service. This document provides only general indications. Giacomini S.p.A. may change
at any time, without notice and for technical or commercial reasons, the items included herewith.
The information included in this technical sheet do not exempt the user from strictly complying
with the rules and good practice standards in force.
 UNIT OF MEASUREMENT.
1 bar = 100 kPa
1 m3/h = 1000 l/h = 16,7 l/min = 0,28 l/s



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com