Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R274-R274N-0576 Datasheet(PDF) 5 Page - GIACOMINI WATER E-MOTION

Part # R274-R274N-0576
Description  6-way zone valves
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIACOMINI [GIACOMINI WATER E-MOTION]
Direct Link  https://www.giacomini.com/en
Logo GIACOMINI - GIACOMINI WATER E-MOTION

R274-R274N-0576 Datasheet(HTML) 5 Page - GIACOMINI WATER E-MOTION

  R274-R274N-0576 Datasheet HTML 1Page - GIACOMINI WATER E-MOTION R274-R274N-0576 Datasheet HTML 2Page - GIACOMINI WATER E-MOTION R274-R274N-0576 Datasheet HTML 3Page - GIACOMINI WATER E-MOTION R274-R274N-0576 Datasheet HTML 4Page - GIACOMINI WATER E-MOTION R274-R274N-0576 Datasheet HTML 5Page - GIACOMINI WATER E-MOTION R274-R274N-0576 Datasheet HTML 6Page - GIACOMINI WATER E-MOTION R274-R274N-0576 Datasheet HTML 7Page - GIACOMINI WATER E-MOTION R274-R274N-0576 Datasheet HTML 8Page - GIACOMINI WATER E-MOTION  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
Giacomini S.p.A.
Via per Alzo 39, 28017 San Maurizio d’Opaglio (NO) Italia
 consulenza.prodotti@giacomini.com
 +39 0322 923372 - giacomini.com
1
2
3
4
5
Components
1
Valve body
2
M4 or M6 (depending on codes) holes for valve fixing
3
F04 - ISO 5211 connection for actuator installation
4
Command stem
5
Calibrated washers with seeger ring
Overpressure protection system
When using the 6-way valve for combined heating/cooling applications (radiant ceilings, fan-coil), the fluid inside the user
circuit may become completely isolated when the valve is in the closed position (no heating or cooling). The pressure of
the trapped fluid inside the user circuit may then increase or decrease due to changes in temperature of the fluid caused
by the room temperature.
The 6-way valve is equipped with integrated protection against overpressure, and is designed to compensate for such
pressure variations.
The upper ball of the valve has a small hole in its interior (ref. A) which maintains the connection of the “usage point” with the
“source 1”, even when the valve is closed (stem position 45°). The combined action of the two balls (upper and lower) prevents
the circulation of fluid when the valve is in the closed position. The overpressure protection system does not compromise
hydraulic separation between the two circuits (source 1 and source 2): the two hydraulic circuits remain separate.
Usage
point
Expansion
vessel
Expansion
vessel
Source 2
Source 1
Usage
point
Expansion
vessel
Expansion
vessel
Source 2
Source 1
A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com