Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USL-5VB1 Datasheet(PDF) 1 Page - BlockMaster Electronics, Inc.

Part # USL-5VB1
Description  Screwless Terminal Blocks
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BLOCKMASTER-ELECTRONICS [BlockMaster Electronics, Inc.]
Direct Link  https://www.blockmaster.com/
Logo BLOCKMASTER-ELECTRONICS - BlockMaster Electronics, Inc.

USL-5VB1 Datasheet(HTML) 1 Page - BlockMaster Electronics, Inc.

  USL-5VB1 Datasheet HTML 1Page - BlockMaster Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BlockMaster Electronics, Inc.
(800)595-8881 www.blockmaster.com
35
USL-5VB1 Series
USL-5HB2 Series
5mm
5mm
Dimensions
Screwless Terminal Blocks
USL
(02 to 24)
Poles
-
-
5VB1
n=number of poles
L=(n-1) x 5
Ordering Information
7A 300V
7A 300V
6
1
3
1
5
12
4
L+5
3
12
12.5
6.25
5
1
WIRE ENTRY
BUTTON
TEST HOLE
6
1
5
12
L+5
3
12
12.5
2.6
5
Dimensions
n=number of poles
L=(n-1) x 5
Ordering Information
5
1
WIRE ENTRY
BUTTON
TEST HOLE
USL
(02 to 24)
Poles
-
-
5HB2
Electrical
Current:
7A @ 300V
Wire range:
16 to 26 AWG
Pin dimension:
0.95mm x 0.65mm
Withstanding voltage:<AC 2500V/min
IR:
>500M
Ω (500V DC)
Operating temp:
-40oC to +100oC
Stripping length:
5mm
PCB holes:
min 1.2mm
PCB thickness:
max 2.4mm
Materials
Housing:
Nylon 6,6 (UL94V-0)
Contact plate:
Stainless steel (SUS304)
Spring:
Stainless steel (SUS304)
Terminal:
Brass, Tin plated
Colors available:
Gray (standard), for others
see
how to order
Marking
Marking tabs available. Consult factory.
Features:
*PATENTED wire spring design
*Same side button and wire entry
*Wire entry perpendicular to PCB
*Available in several colors for coding positions to
wire colors
*1 position modular blocks
*1 pin per pole
*No exposed metal parts
*Test points
*Funnel shaped wire entry
Specifications
USL-5VB1 Series
Electrical
Current:
7A @ 300V
Wire range:
16 to 26 AWG
Pin dimension:
0.95mm x 0.65mm
Withstanding voltage:<AC 2500V/min
IR:
>500M
Ω (500V DC)
Operating temp:
-40oC to +100oC
Stripping length:
5mm
PCB holes:
min 1.2mm
PCB thickness:
max 2.4mm
Materials
Housing:
Nylon 6,6 (UL94V-0)
Contact plate:
Stainless steel (SUS304)
Spring:
Stainless steel (SUS304)
Terminal:
Brass, Tin plated
Colors available:
Gray (standard), for others
consult factory
Marking
Marking tabs available. Consult factory.
Features:
*PATENTED wire spring design
*Same side button and wire entry, parallel to PCB
*Available in several colors for coding positions to
wire colors
*1 position modular blocks
*2 pins per pole
*No exposed metal parts
*Test points
*Funnel shaped wire entry
Specifications
USL-5HB2 Series
NEW
NEW
L
5
PCB Layout
5
PCB Layout
L
Patented
Spring
Design-Horizontal
Patented
Spring
Design-V
ertical


Similar Part No. - USL-5VB1

ManufacturerPart #DatasheetDescription
logo
BlockMaster Electronics...
USL-52SAB1 BLOCKMASTER-ELECTRONICS-USL-52SAB1 Datasheet
374Kb / 1P
PCB Terminal Blocks
USL-5SAB1 BLOCKMASTER-ELECTRONICS-USL-5SAB1 Datasheet
330Kb / 1P
PCB Terminal Blocks
More results

Similar Description - USL-5VB1

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CSTBP254H CAMDENBOSS-CSTBP254H Datasheet
453Kb / 1P
2.54mm screwless terminal blocks
CSTBP254V CAMDENBOSS-CSTBP254V Datasheet
453Kb / 1P
2.54mm screwless terminal blocks
CSTBP381 CAMDENBOSS-CSTBP381 Datasheet
344Kb / 1P
3.81mm screwless terminal blocks
CSTBP45VDA CAMDENBOSS-CSTBP45VDA Datasheet
491Kb / 1P
3.5mm 45° screwless terminal blocks
CSTBP45VDB CAMDENBOSS-CSTBP45VDB Datasheet
491Kb / 1P
3.5mm 45° screwless terminal blocks
CSTBP500 CAMDENBOSS-CSTBP500 Datasheet
346Kb / 1P
5mm screwless terminal blocks
CSTBP508H CAMDENBOSS-CSTBP508H Datasheet
508Kb / 1P
5 .08mm screwless terminal blocks
CSTBP508V CAMDENBOSS-CSTBP508V Datasheet
508Kb / 1P
5 .08mm screwless terminal blocks
CSTBP762H CAMDENBOSS-CSTBP762H Datasheet
467Kb / 1P
7.62mm screwless terminal blocks
CSTBP762V CAMDENBOSS-CSTBP762V Datasheet
467Kb / 1P
7.62mm screwless terminal blocks
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com