Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R291-R292-R292E-0373 Datasheet(PDF) 2 Page - GIACOMINI WATER E-MOTION

Part # R291-R292-R292E-0373
Description  2- and 3-way piston zone valves
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIACOMINI [GIACOMINI WATER E-MOTION]
Direct Link  https://www.giacomini.com/en
Logo GIACOMINI - GIACOMINI WATER E-MOTION

R291-R292-R292E-0373 Datasheet(HTML) 2 Page - GIACOMINI WATER E-MOTION

  R291-R292-R292E-0373 Datasheet HTML 1Page - GIACOMINI WATER E-MOTION R291-R292-R292E-0373 Datasheet HTML 2Page - GIACOMINI WATER E-MOTION R291-R292-R292E-0373 Datasheet HTML 3Page - GIACOMINI WATER E-MOTION R291-R292-R292E-0373 Datasheet HTML 4Page - GIACOMINI WATER E-MOTION R291-R292-R292E-0373 Datasheet HTML 5Page - GIACOMINI WATER E-MOTION  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Giacomini S.p.A.
Via per Alzo 39, 28017 San Maurizio d’Opaglio (NO) Italia
 consulenza.prodotti@giacomini.com
 +39 0322 923372 - giacomini.com
Technical data
Performance
• Fluids: water, glycol solutions (max. 50 %)
• Temperature range: 5÷110 °C
• Max. working pressure: 10 bar
• Maximum differential pressure: 1,3 bar
Loss of pressure
VALVE POSITION
VALVE SIZE
Kv
Fully open
without thermo-electric
actuator
3/4”
4,9
1”
5,0
Fully open
with R473/R473M
thermo-electric actuator
3/4”
4,2
1”
4,4
Materials
• Body, bonnet and nuts: UNI EN 12165 CW617N brass
• Stem: stainless steel AISI 304
• Gaskets: EPDM
Q [l/h]
4,2
4,4
4,9
5,0
1000
100
10
100
1000
10000
The attachments with cap and pipe union allow easy
connection to the system, which must always be carried
out according to the direction of flow indicated by the
arrows printed on the bodies and by placing the valve so
that the thermo-electric actuator or the electric motor are
never turned downwards.
Flow diagram
Installation
Allowed installations



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com