Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R291-R292-R292E-0373 Datasheet(PDF) 3 Page - GIACOMINI WATER E-MOTION

Part # R291-R292-R292E-0373
Description  2- and 3-way piston zone valves
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIACOMINI [GIACOMINI WATER E-MOTION]
Direct Link  https://www.giacomini.com/en
Logo GIACOMINI - GIACOMINI WATER E-MOTION

R291-R292-R292E-0373 Datasheet(HTML) 3 Page - GIACOMINI WATER E-MOTION

  R291-R292-R292E-0373 Datasheet HTML 1Page - GIACOMINI WATER E-MOTION R291-R292-R292E-0373 Datasheet HTML 2Page - GIACOMINI WATER E-MOTION R291-R292-R292E-0373 Datasheet HTML 3Page - GIACOMINI WATER E-MOTION R291-R292-R292E-0373 Datasheet HTML 4Page - GIACOMINI WATER E-MOTION R291-R292-R292E-0373 Datasheet HTML 5Page - GIACOMINI WATER E-MOTION  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Giacomini S.p.A.
Via per Alzo 39, 28017 San Maurizio d’Opaglio (NO) Italia
 consulenza.prodotti@giacomini.com
 +39 0322 923372 - giacomini.com
R193K by-pass connection kit for R292/R292E 3-way zone valves
In the 3-way valves, the supply and return elements can be assembled directly (if mounted on dual manifold R587B), or
through a by-pass conduit, using the Base 18 and TR18 adapter connections.
R193K KIT CODE
USE
INSTALLATION
R193Y011
Use in comnination with
R292/R292E zone valves
+ R553D/R553F manifolds
+ R588 brackets
+ R500 cabinets
Ø 18
B.18
Ø 18
R193Y021
Use in comnination with
R292/R292E zone valves
+ R553D/R553F manifolds
+ R588Z brackets
+ R500-2 cabinets
R292, R292E 3/4” with R193K by-pass kit
Q [l/h]
100
100
1000
10000
1000
10000
0,5
1
1,5
2
3 4 F.O.
LOCKSHIELD OPENING TURNS
Kv
0,5
0,3
1
0,6
1,5
0,9
2
1,3
3
1,8
4
2,1
F.O.
2,2
R292, R292E 1” with R193K by-pass kit
LOCKSHIELD OPENING TURNS
Kv
0,5
0,3
1
0,6
1,5
0,9
2
1,3
3
1,9
4
2,2
F.O.
2,3
Q [l/h]
100
100
1000
10000
1000
10000
0,5
1
1,5
2
3 4 F.O.
 NOTE. The lockshield valve on the by-pass conduit must be adjusted using an 8 mm Allen key, to reproduce a pressure drop comparable to that of the system
and to avoid hydraulic failure in the distribution when the flow is deviated on the return to the boiler.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com