Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R291-R292-R292E-0373 Datasheet(PDF) 1 Page - GIACOMINI WATER E-MOTION

Part # R291-R292-R292E-0373
Description  2- and 3-way piston zone valves
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIACOMINI [GIACOMINI WATER E-MOTION]
Direct Link  https://www.giacomini.com/en
Logo GIACOMINI - GIACOMINI WATER E-MOTION

R291-R292-R292E-0373 Datasheet(HTML) 1 Page - GIACOMINI WATER E-MOTION

  R291-R292-R292E-0373 Datasheet HTML 1Page - GIACOMINI WATER E-MOTION R291-R292-R292E-0373 Datasheet HTML 2Page - GIACOMINI WATER E-MOTION R291-R292-R292E-0373 Datasheet HTML 3Page - GIACOMINI WATER E-MOTION R291-R292-R292E-0373 Datasheet HTML 4Page - GIACOMINI WATER E-MOTION R291-R292-R292E-0373 Datasheet HTML 5Page - GIACOMINI WATER E-MOTION  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Giacomini S.p.A.
Via per Alzo 39, 28017 San Maurizio d’Opaglio (NO) Italia
 consulenza.prodotti@giacomini.com
 +39 0322 923372 - giacomini.com
SERIES
PRODUCT CODE
CONNECTIONS
N° OF WAYS
TYPE
STOPPER
R291
R291Y004
G 3/4”M
2-way
Tail piece in axis
Piston
R291Y005
G 1”M
R292
R292Y004
G 3/4”M
3-way
Tail piece in axis
R292Y005
G 1”M
R292E
R292EY004
G 3/4”M
Eccentric tail piece
R292EY005
G 1”M
Versions and product codes
Completion codes
• R473, R473M: thermo-electric actuator with zone valves motor funcion.
• R193K: eccentric kit pipe for installation of 3-ways valves with distribution manifolds.
Zone valves are devices for shutting off the heat transfer fluid which, activated by an actuator, allow the subdivision of air
conditioning systems into homogeneous sectors from the point of view of room temperature control.
The R291, R292 and R292E zone valves are equipped with a piston stopper and can be of the 3-way type, equipped with an
adjustable by-pass, or 2-way, which generally requires the installation of a differential valve on the main circuit.
R291
R292, R292E
R291, R292, R292E
2- and 3-way
piston zone valves
Datasheet
0373EN  03/2024


Similar Part No. - R291-R292-R292E-0373

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R29 RENESAS-R29 Datasheet
4Mb / 473P
RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
logo
List of Unclassifed Man...
R29 ETC2-R29 Datasheet
616Kb / 2P
Miniature Circular Connectors
R29-1808 ETC2-R29-1808 Datasheet
74Kb / 2P
HIGH VOLTAGE SURFACE MOUNT MLCCS 250 - 5,000 VDC
R29-J5F ETC2-R29-J5F Datasheet
616Kb / 2P
Miniature Circular Connectors
R29-J5M ETC2-R29-J5M Datasheet
616Kb / 2P
Miniature Circular Connectors
More results

Similar Description - R291-R292-R292E-0373

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MLX90614 ETC2-MLX90614 Datasheet
808Kb / 40P
Single and Dual Zone
logo
Sensortechnics GmbH
003-0137-900 SENSORTECHNICS-003-0137-900 Datasheet
99Kb / 4P
General purpose 2-way and 3-way soleniod valves
logo
Ralston Instruments.
QTVC-1KPSIG-D RALSTON-QTVC-1KPSIG-D_16 Datasheet
1Mb / 2P
Fine adjust piston, fill, balance and vent valves are in one light weight, compact unit
QTVC-1KPSIG-M RALSTON-QTVC-1KPSIG-M_16 Datasheet
508Kb / 2P
Fine adjust piston, fill, balance and vent valves are in one light weight, compact unit
QTVC-2FBA-6-3 RALSTON-QTVC-2FBA-6-3_16 Datasheet
371Kb / 1P
Fine adjust piston, fill, balance and vent valves are in one light weight, compact unit
QTVC-2FBA-RG-2M-1M RALSTON-QTVC-2FBA-RG-2M-1M_16 Datasheet
371Kb / 1P
Fine adjust piston, fill, balance and vent valves are in one light weight, compact unit
QTVC-2MBA-6-3 RALSTON-QTVC-2MBA-6-3_16 Datasheet
371Kb / 1P
Fine adjust piston, fill, balance and vent valves are in one light weight, compact unit
QTVC-3FBA-RG-2M-1M RALSTON-QTVC-3FBA-RG-2M-1M_16 Datasheet
371Kb / 1P
Fine adjust piston, fill, balance and vent valves are in one light weight, compact unit
QTVC-4FBA-RG-2M-1M RALSTON-QTVC-4FBA-RG-2M-1M_16 Datasheet
371Kb / 1P
Fine adjust piston, fill, balance and vent valves are in one light weight, compact unit
logo
Norgren Ltd
K41DA00KA1KS6 NORGREN-K41DA00KA1KS6 Datasheet
1Mb / 6P
Nugget 200 Spool Valves 1/4", 3/8", 1/2" NPT Air Pilot Actuated 3/2, 5/2, & 5/3 Inline Valves
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com