Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBV19G Datasheet(PDF) 10 Page - OSRAM GmbH

Part # LBV19G
Description  Lead (Pb) Free Product - RoHS Compliant
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LBV19G Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button LBV19G Datasheet HTML 6Page - OSRAM GmbH LBV19G Datasheet HTML 7Page - OSRAM GmbH LBV19G Datasheet HTML 8Page - OSRAM GmbH LBV19G Datasheet HTML 9Page - OSRAM GmbH LBV19G Datasheet HTML 10Page - OSRAM GmbH LBV19G Datasheet HTML 11Page - OSRAM GmbH LBV19G Datasheet HTML 12Page - OSRAM GmbH LBV19G Datasheet HTML 13Page - OSRAM GmbH LBV19G Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
2006-07-03
10
LB V19G
Maßzeichnung
8) Seite 15
Package Outlines
8)
page 15
Gewicht / Approx. weight:
2 mg
Gurtung / Polarität und Lage
8) Seite 15
Verpackungseinheit 8 mm Gurt mit
5’000/Rolle, ø180 mm
Method of Taping / Polarity and Orientation
8)
page 15
Packing unit 8 mm tape with 5,000/reel,
ø180 mm
1.1 (0.043)
0.6 (0.024)
0.8 (0.031)
1.3 (0.051)
GEOY6949
0.55 (0.022)
0.45 (0.018)
A
C
(alternatively)
Cathode mark
OHAY1351
1.5 (0.059)
4 (0.157)
4 (0.157)
1.26 (0.050)
Cathode/Collector Side



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com