Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBV19G Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LBV19G
Description  Lead (Pb) Free Product - RoHS Compliant
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LBV19G Datasheet(HTML) 1 Page - OSRAM GmbH

  LBV19G Datasheet HTML 1Page - OSRAM GmbH LBV19G Datasheet HTML 2Page - OSRAM GmbH LBV19G Datasheet HTML 3Page - OSRAM GmbH LBV19G Datasheet HTML 4Page - OSRAM GmbH LBV19G Datasheet HTML 5Page - OSRAM GmbH LBV19G Datasheet HTML 6Page - OSRAM GmbH LBV19G Datasheet HTML 7Page - OSRAM GmbH LBV19G Datasheet HTML 8Page - OSRAM GmbH LBV19G Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
LB V19G
FIREFLY
®
Hyper-Bright LED
Lead (Pb) Free Product - RoHS Compliant
2006-07-03
1
Besondere Merkmale
• Gehäusetyp: SMT Gehäuse, farbloser diffuser
Verguss
• Besonderheit des Bauteils: kompakte
Bauform mit seitlicher Abstahlrichtung
1,8 x 1,2 x 0,5 mm (LxBxH)
• Wellenlänge: 470 nm (blau)
• Abstrahlwinkel: horizontal 155°, vertikal 135°
• Technologie: ThinGaN
®
• optischer Wirkungsgrad: 15 lm/W
• Gruppierungsparameter: Lichtstärke,
Wellenlänge; Durchlassspannung
• Verarbeitungsmethode: für alle
SMT-Bestücktechniken geeignet
• Lötmethode: IR Reflow Löten
• Vorbehandlung: nach JEDEC Level 2
• Gurtung: 8-mm Gurt mit 5000/Rolle, ø180 mm
• ESD-Festigkeit: ESD-sensitiv
Anwendungen
• flache Hinterleuchtung (LCD, Mobile Phone,
Schalter, Display)
• Spielsachen
• Signal- und Symbolleuchten
• Markierungsbeleuchtung (Stufen, Fluchtwege
u. ä.)
Features
• package: SMT package, colorless diffused
resin
• feature of the device: compact package; side
emitting LED; 1.8 x 1.2 x 0.5 mm (LxWxH)
• wavelength: 470 nm (blue)
• viewing angle: horizontal 155°, vertical 135°
• technology: ThinGaN
®
• optical efficiency: 15 lm/W
• grouping parameter: luminous intensity,
wavelength, forward voltage
• assembly methods: suitable for all
SMT assembly methods
• soldering methods: IR reflow soldering
• preconditioning: acc. to JEDEC Level 2
• taping: 8 mm tape with 5000/reel, ø180 mm
• ESD-withstand voltage: sensitive device
Applications
• flat backlighting (LCD, cellular phones,
switches, displays)
•toys
• signal and symbol luminary
• marker lights (e.g. steps, exit ways, etc.)


Similar Part No. - LBV19G

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LBV193 OSRAM-LBV193 Datasheet
410Kb / 14P
Lead (Pb) Free Product - RoHS Compliant
LBV193-K2M2-36-1 OSRAM-LBV193-K2M2-36-1 Datasheet
410Kb / 14P
Lead (Pb) Free Product - RoHS Compliant
More results

Similar Description - LBV19G

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LGA676 OSRAM-LGA676 Datasheet
406Kb / 15P
Lead (Pb) Free Product - RoHS Compliant
LGN971 OSRAM-LGN971 Datasheet
363Kb / 13P
Lead (Pb) Free Product - RoHS Compliant
LGP47K OSRAM-LGP47K Datasheet
452Kb / 16P
Lead (Pb) Free Product RoHS Compliant
LHQ974 OSRAM-LHQ974 Datasheet
344Kb / 13P
Lead (Pb) Free Product - RoHS Compliant
LSA67B OSRAM-LSA67B Datasheet
369Kb / 15P
Lead (Pb) Free Product - RoHS Compliant
LWA67C OSRAM-LWA67C Datasheet
446Kb / 16P
Lead (Pb) Free Product - RoHS Compliant
LWP473 OSRAM-LWP473 Datasheet
501Kb / 17P
Lead (Pb) Free Product RoHS Compliant
LYA675 OSRAM-LYA675 Datasheet
385Kb / 15P
Lead (Pb) Free Product - RoHS Compliant
LSQ971 OSRAM-LSQ971 Datasheet
463Kb / 13P
Lead (Pb) Free Product - RoHS Compliant
LETH3A OSRAM-LETH3A Datasheet
460Kb / 16P
Lead (Pb) Free Product - RoHS Compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com