Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSA67B Datasheet(PDF) 4 Page - OSRAM GmbH

Part # LSA67B
Description  Lead (Pb) Free Product - RoHS Compliant
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LSA67B Datasheet(HTML) 4 Page - OSRAM GmbH

  LSA67B Datasheet HTML 1Page - OSRAM GmbH LSA67B Datasheet HTML 2Page - OSRAM GmbH LSA67B Datasheet HTML 3Page - OSRAM GmbH LSA67B Datasheet HTML 4Page - OSRAM GmbH LSA67B Datasheet HTML 5Page - OSRAM GmbH LSA67B Datasheet HTML 6Page - OSRAM GmbH LSA67B Datasheet HTML 7Page - OSRAM GmbH LSA67B Datasheet HTML 8Page - OSRAM GmbH LSA67B Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
2006-03-17
4
LS A67B, LO A67B, LY A67B
Kennwerte
Characteristics
(
T
A = 25 °C)
Bezeichnung
Parameter
Symbol
Symbol
Werte
Values
Einheit
Unit
LS
LO
LY
Wellenlänge des emittierten Lichtes
(typ.)
Wavelength at peak emission
I
F = 30 mA
λ
peak
645
610
594
nm
Dominantwellenlänge5) Seite 15
Dominant wavelength5) page 15
I
F = 30 mA
λ
dom
633
± 6
606*
–6/+3
587*
–7/+8
nm
Spektrale Bandbreite bei 50 %
I
rel max
(typ.)
Spectral bandwidth at 50 %
I
rel max
I
F = 30 mA
∆λ
18
16
15
nm
Abstrahlwinkel bei 50 %
I
V (Vollwinkel)
(typ.)
Viewing angle at 50 %
I
V
2
ϕ
120
120
120
Grad
deg.
Durchlassspannung
6)
Seite 15
(min.)
Forward voltage
6)
page 15
(typ.)
I
F = 30 mA
(max.)
V
F
V
F
V
F
1.8
2.1
2.4
1.8
2.1
2.4
1.8
2.1
2.4
V
V
V
Sperrstrom
(typ.)
Reverse current
(max.)
V
R = 12 V
I
R
I
R
0.01
10
0.01
10
0.01
10
µA
µA
Temperaturkoeffizient von
λ
peak
(typ.)
Temperature coefficient of
λ
peak
I
F = 30 mA; –10°C ≤ T ≤ 100°C
TCλpeak
0.15
0.14
0.13
nm/K
Temperaturkoeffizient von
λ
dom
(typ.)
Temperature coefficient of
λ
dom
I
F = 30 mA; –10°C ≤ T ≤ 100°C
TCλdom
0.05
0.08
0.1
nm/K
Temperaturkoeffizient von
V
F
(typ.)
Temperature coefficient of
V
F
I
F = 30 mA; –10°C ≤ T ≤ 100°C
TC
V
– 2.3
– 3.7
– 3.7
mV/K
Optischer Wirkungsgrad
(typ.)
Optical efficiency
I
F = 30 mA
η
opt
18
24
24
lm/W
* Einzelgruppen siehe Seite 5
Individual groups on page 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com