Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSA67B Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LSA67B
Description  Lead (Pb) Free Product - RoHS Compliant
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LSA67B Datasheet(HTML) 1 Page - OSRAM GmbH

  LSA67B Datasheet HTML 1Page - OSRAM GmbH LSA67B Datasheet HTML 2Page - OSRAM GmbH LSA67B Datasheet HTML 3Page - OSRAM GmbH LSA67B Datasheet HTML 4Page - OSRAM GmbH LSA67B Datasheet HTML 5Page - OSRAM GmbH LSA67B Datasheet HTML 6Page - OSRAM GmbH LSA67B Datasheet HTML 7Page - OSRAM GmbH LSA67B Datasheet HTML 8Page - OSRAM GmbH LSA67B Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
LS A67B, LO A67B, LY A67B
Hyper SIDELED
®
Enhanced optical Power LED (HOP2000)
Lead (Pb) Free Product - RoHS Compliant
Vorläufige Daten / Preliminary Data
2006-03-17
1
Besondere Merkmale
• Gehäusetyp: weißes SMT Gehäuse, farbloser
klarer Verguss
• Besonderheit des Bauteils: Abstrahlung
parallel zur Platine, deshalb ideal zur
Einkopplung in Lichtleiter
• Wellenlänge: 633 nm (super-rot),
606 nm (orange), 587 nm (gelb)
• Abstrahlwinkel: Lambertscher Strahler (120°)
• Technologie: InGaAIP
• optischer Wirkungsgrad: 24 lm/W (orange,
gelb), 18 lm/W (super-rot)
• Gruppierungsparameter: Lichtstärke,
Wellenlänge
• Verarbeitungsmethode: für alle
SMT-Bestücktechniken geeignet
• Lötmethode: IR Reflow Löten und
Wellenlöten (TTW)
• Vorbehandlung: nach JEDEC Level 2
• Gurtung: 12-mm Gurt mit 2000/Rolle,
ø330 mm
• ESD-Festigkeit: ESD-sicher bis 2 kV nach
JESD22-A114-B
Anwendungen
• Anwendungen mit hohem Helligkeitsbedarf
• Einkopplung in Lichtleiter
• Automobilanwendungen
Features
• package: white SMT package, colorless clear
resin
• feature of the device: radiation direction
parallel to PCB, so an ideal LED for coupling
into light guides
• wavelength: 633 nm (super-red),
606 nm (orange), 587 nm (yellow)
• viewing angle: Lambertian Emitter (120°)
• technology: InGaAIP
• optical efficiency: 24 lm/W (orange, yellow),
18 lm/W (super-red)
• grouping parameter: luminous intensity,
wavelength
• assembly methods: suitable for all
SMT assembly methods
• soldering methods: IR reflow soldering and
TTW soldering
• preconditioning: acc. to JEDEC Level 2
• taping: 12 mm tape with 2000/reel, ø330 mm
• ESD-withstand voltage: up to 2 kV acc. to
JESD22-A114-B
Applications
• applications with high requirements of light
• ideal for lateral coupling in light guides
• automotive applications


Similar Part No. - LSA67B

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LSA670 SIEMENS-LSA670 Datasheet
61Kb / 8P
SIDELED
logo
OSRAM GmbH
LSA670 OSRAM-LSA670 Datasheet
428Kb / 15P
Lead (Pb) Free Product - RoHS Compliant
logo
Siemens Semiconductor G...
LSA670-HL SIEMENS-LSA670-HL Datasheet
61Kb / 8P
SIDELED
LSA670-J SIEMENS-LSA670-J Datasheet
61Kb / 8P
SIDELED
LSA670-JM SIEMENS-LSA670-JM Datasheet
61Kb / 8P
SIDELED
More results

Similar Description - LSA67B

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LGA676 OSRAM-LGA676 Datasheet
406Kb / 15P
Lead (Pb) Free Product - RoHS Compliant
LGN971 OSRAM-LGN971 Datasheet
363Kb / 13P
Lead (Pb) Free Product - RoHS Compliant
LGP47K OSRAM-LGP47K Datasheet
452Kb / 16P
Lead (Pb) Free Product RoHS Compliant
LHQ974 OSRAM-LHQ974 Datasheet
344Kb / 13P
Lead (Pb) Free Product - RoHS Compliant
LWA67C OSRAM-LWA67C Datasheet
446Kb / 16P
Lead (Pb) Free Product - RoHS Compliant
LWP473 OSRAM-LWP473 Datasheet
501Kb / 17P
Lead (Pb) Free Product RoHS Compliant
LYA675 OSRAM-LYA675 Datasheet
385Kb / 15P
Lead (Pb) Free Product - RoHS Compliant
LSQ971 OSRAM-LSQ971 Datasheet
463Kb / 13P
Lead (Pb) Free Product - RoHS Compliant
BPX38 OSRAM-BPX38_99 Datasheet
421Kb / 8P
Lead (Pb) Free Product - RoHS Compliant
LETH3A OSRAM-LETH3A Datasheet
460Kb / 16P
Lead (Pb) Free Product - RoHS Compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com