Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS4302RGTR Datasheet(PDF) 2 Page - Texas Instruments

Part # THS4302RGTR
Description  WIDEBAND FIXED-GAIN AMPLIFIER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4302RGTR Datasheet(HTML) 2 Page - Texas Instruments

  THS4302RGTR Datasheet HTML 1Page - Texas Instruments THS4302RGTR Datasheet HTML 2Page - Texas Instruments THS4302RGTR Datasheet HTML 3Page - Texas Instruments THS4302RGTR Datasheet HTML 4Page - Texas Instruments THS4302RGTR Datasheet HTML 5Page - Texas Instruments THS4302RGTR Datasheet HTML 6Page - Texas Instruments THS4302RGTR Datasheet HTML 7Page - Texas Instruments THS4302RGTR Datasheet HTML 8Page - Texas Instruments THS4302RGTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATING
RECOMMENDED OPERATING CONDITIONS
PACKAGE DISSIPATION RATINGS
THS4302
SLOS403H – OCTOBER 2002 – REVISED AUGUST 2006
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
over operating free-air temperature range unless otherwise noted
(1)
UNIT
Supply voltage, VS
6 V
Input voltage, VI
±VS
Output current, IO
200 mA
Continuous power dissipation
See Dissipation Rating Table
Maximum junction temperature, TJ
150
°C
Maximum junction temperature, continuous operation, long term reliability, TJ
(2)
125
°C
Storage temperature range, Tstg
-65
°C to 150°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
300
°C
(1)
The absolute maximum temperature under any condition is limited by the constraints of the silicon process. Stresses above these
ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may degrade device reliability.
These are stress ratings only, and functional operation of the device at these or any other conditions beyond those specified is not
implied.
(2)
The maximum junction temperature for continuous operation is limited by package constraints. Operation above this temperature may
result in reduced reliability and/or lifetime of the device.
MIN
MAX
UNIT
Dual supply
±1.5
±2.5
Supply voltage, VCC (VS+ and VS-)
V
Single supply
3
5
Common-mode input voltage range
VS- +1
VS+ -1
V
POWER RATING(2)
PACKAGE
θJC(°C/W)
θJA(°C/W)
(1)
TA ≤ 25°C
TA = 25°C
RGT (16)(3)
2.4
39.5
3.16
1.65 W
(1)
This data was taken using the JEDEC standard High-K test PCB.
(2)
Power rating is determined with a junction temperature of 125
°C. This is the point where distortion starts to substantially increase.
Thermal management of the final PCB should strive to keep the junction temperature at or below 125
°C for best performance and long
term reliability.
(3)
The THS4302 device may incorporate a PowerPAD™ on the underside of the chip. This acts as a heatsink and must be connected to a
thermally dissipative plane for proper power dissipation. Failure to do so may result in exceeding the maximum junction temperature
which can permanently damage the device. See TI technical brief SLMA002 and SLMA004 for more information about utilizing the
PowerPAD thermally enhanced package.
AVAILABLE OPTIONS
INTERNAL FIXED GAIN
TRANSPORTATION MEDIA,
PACKAGED DEVICES
PACKAGE TYPE(1)
RESISTOR VALUES (+5)
QUANTITY
RG
RF
THS4302RGTT
Tape and Reel, 250
Leadless (RGT-16)
50
Ω
200
Ω
THS4302RGTR
Tape and Reel, 3000
(1)
The PowerPAD is electrically isolated from all other pins.
2
Submit Documentation Feedback
Copyright © 2002–2006, Texas Instruments Incorporated
Product Folder Link(s): THS4302



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com