Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS4302RGTR Datasheet(PDF) 9 Page - Texas Instruments

Part # THS4302RGTR
Description  WIDEBAND FIXED-GAIN AMPLIFIER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4302RGTR Datasheet(HTML) 9 Page - Texas Instruments

Back Button THS4302RGTR Datasheet HTML 5Page - Texas Instruments THS4302RGTR Datasheet HTML 6Page - Texas Instruments THS4302RGTR Datasheet HTML 7Page - Texas Instruments THS4302RGTR Datasheet HTML 8Page - Texas Instruments THS4302RGTR Datasheet HTML 9Page - Texas Instruments THS4302RGTR Datasheet HTML 10Page - Texas Instruments THS4302RGTR Datasheet HTML 11Page - Texas Instruments THS4302RGTR Datasheet HTML 12Page - Texas Instruments THS4302RGTR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
www.ti.com
−10
0
10
20
30
40
50
60
70
0
1
2
3
4
5
VICR − Input Common-Mode Voltage Range − V
VS = 5 V
40
45
50
55
60
65
70
75
80
−40−30−20−10 0 10 20 30 40 50 60 70 80 90
Case Temperature −
°C
PSRR+
VS = 5 V
PSRR−
CMMR
0
1
2
3
4
5
6
−40−30−20−10 0 10 20 30 40 50 60 70 80 90
Case Temperature −
°C
VS = 5 V
2.35
2.4
2.45
2.5
2.55
2.6
2.65
0
2
4
6
8
10
12
14
16
18
20
RL = 100 Ω
Input tr/tf = 60 ps
VS = 5 V
1
1.5
2
2.5
3
3.5
4
0
2
4
6
8
10
12
14
16
18
20
t − Time − ns
RL = 100 Ω
Input tr/tf = 60 ps
VS = 5 V
0
2
4
6
8
10
12
−40−30−20−10 0 10 20 30 40 50 60 70 80 90
VS = 5 V
Case Temperature −
°C
−0.5
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1
2
2.25
2.5
2.75
3
t − Time −
µs
0.1
1
10
100
10 M
100 M
1 G
10 G
f − Frequency − Hz
VS = 5 V
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
2.5 2.75 3 3.25 3.5 3.75 4 4.25 4.5 4.75 5
VS − Supply Voltage − V
TA = 85°C
TA = 25°C
TA = −40°C
THS4302
SLOS403H – OCTOBER 2002 – REVISED AUGUST 2006
TYPICAL THS4302 CHARACTERISTICS (5 V) (continued)
REJECTION RATIOS
COMMON-MODE REJECTION RATIO
INPUT OFFSET VOLTAGE
vs
vs
vs
CASE TEMPERATURE
INPUT COMMON-MODE RANGE
CASE TEMPERATURE
Figure 22.
Figure 23.
Figure 24.
POSITIVE INPUT BIAS CURRENT
vs
SMALL SIGNAL TRANSIENT
LARGE SIGNAL TRANSIENT
CASE TEMPERATURE
RESPONSE
RESPONSE
Figure 25.
Figure 26.
Figure 27.
POWER-DOWN QUIESCENT
OUTPUT IMPEDANCE
CURRENT
vs
vs
OVERDRIVE RECOVERY
FREQUENCY
SUPPLY VOLTAGE
Figure 28.
Figure 29.
Figure 30.
Copyright © 2002–2006, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): THS4302



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com