Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS4302RGTR Datasheet(PDF) 4 Page - Texas Instruments

Part # THS4302RGTR
Description  WIDEBAND FIXED-GAIN AMPLIFIER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4302RGTR Datasheet(HTML) 4 Page - Texas Instruments

  THS4302RGTR Datasheet HTML 1Page - Texas Instruments THS4302RGTR Datasheet HTML 2Page - Texas Instruments THS4302RGTR Datasheet HTML 3Page - Texas Instruments THS4302RGTR Datasheet HTML 4Page - Texas Instruments THS4302RGTR Datasheet HTML 5Page - Texas Instruments THS4302RGTR Datasheet HTML 6Page - Texas Instruments THS4302RGTR Datasheet HTML 7Page - Texas Instruments THS4302RGTR Datasheet HTML 8Page - Texas Instruments THS4302RGTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
www.ti.com
THS4302
SLOS403H – OCTOBER 2002 – REVISED AUGUST 2006
ELECTRICAL CHARACTERISTICS (continued)
THS4302 (Gain = +5 V/V) Specifications: VS = 5 V, RL = 100 Ω, (unless otherwise noted)
TYP
OVERTEMPERATURE
MIN/
PARAMETER
TEST CONDITIONS
0
°C to
-40
°C
25
°C
25
°C
UNITS
TYP/
70
°C
to 85
°C
MAX
INPUT CHARACTERISTICS
Common-mode input range
0.5/4.5
1/4
1.1/3.9
1.2/3.8
V
Min
Common-mode rejection ratio
VCM = 2 V to 3 V
60
52
50
50
dB
Min
Input resistance
Noninverting input
1.6
M
Ω
Typ
Input capacitance
Noninverting input
1
pF
Max
OUTPUT CHARACTERISTICS
Output voltage swing
1/4
1.1/3.9
1.2/3.8
1.2/3.8
V
Min
Output current (sourcing)
RL = 5 Ω
180
170
165
160
mA
Min
Output current (sinking)
RL = 5 Ω
180
170
165
160
mA
Min
Output impedance
f = 10 MHz
0.2
Ω
Typ
POWER SUPPLY
Operating voltage
5
5.5
5.5
5.5
V
Max
Maximum quiescent current
37
42
46
48
mA
Max
Minimum quiescent current
37
32
29
26
mA
Min
Power supply rejection ratio (PSRR +)
VS+ = 5 V to 4.5 V, VS- = 0 V
60
54
52
51
dB
Min
Power supply rejection ratio (PSRR -)
VS+ = 5 V, VS- = 0 V to 0.5 V
75
65
64
62
dB
Min
POWER-DOWN CHARACTERISTICS
Maximum power-down current
PD = 0 V
0.8
1.0
1.1
1.2
mA
Max
Power-on voltage threshold
1.1
1.5
V
Min
Power-down voltage threshold
1.1
0.9
V
Max
Turnon time delay, td(on)
50% of final value
6
μs
Typ
Turnoff time delay, td(off)
50% of final value
5
μs
Typ
Input impedance
100
k
Ω
Typ
Output impedance
f = 100 kHz
250
Ω
Typ
4
Submit Documentation Feedback
Copyright © 2002–2006, Texas Instruments Incorporated
Product Folder Link(s): THS4302



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com