Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS6012CDWPR Datasheet(PDF) 22 Page - Texas Instruments

Part # THS6012CDWPR
Description  500-mA DUAL DIFFERENTIAL LINE DRIVER
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS6012CDWPR Datasheet(HTML) 22 Page - Texas Instruments

Back Button THS6012CDWPR Datasheet HTML 18Page - Texas Instruments THS6012CDWPR Datasheet HTML 19Page - Texas Instruments THS6012CDWPR Datasheet HTML 20Page - Texas Instruments THS6012CDWPR Datasheet HTML 21Page - Texas Instruments THS6012CDWPR Datasheet HTML 22Page - Texas Instruments THS6012CDWPR Datasheet HTML 23Page - Texas Instruments THS6012CDWPR Datasheet HTML 24Page - Texas Instruments THS6012CDWPR Datasheet HTML 25Page - Texas Instruments THS6012CDWPR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
+
_
THS6012
CLOAD
1 k
Ω
Input
Output
1 k
Ω
10
Ω
THS6012
SLOS226F – SEPTEMBER 1998 – REVISED JUNE 2012
www.ti.com
DRIVING A CAPACITIVE LOAD
Driving capacitive loads with high performance amplifiers is not a problem as long as certain precautions are
taken. The first is to realize that the THS6012 has been internally compensated to maximize its bandwidth and
slew rate performance. When the amplifier is compensated in this manner, capacitive loading directly on the
output will decrease the device's phase margin leading to high frequency ringing or oscillations. Therefore, for
capacitive loads of greater than 10 pF, it is recommended that a resistor be placed in series with the output of
the amplifier, as shown in Figure 43. A minimum value of 10
Ω should work well for most applications. For
example, in 75-
Ω transmission systems, setting the series resistor value to 75 Ω both isolates any capacitance
loading and provides the proper line impedance matching at the source end.
Figure 43. Driving a Capacitive Load
PCB DESIGN CONSIDERATIONS
Proper PCB design techniques in two areas are important to assure proper operation of the THS6012. These
areas are high-speed layout techniques and thermal-management techniques. Because the THS6012 is a high-
speed part, the following guidelines are recommended.
•
Ground plane - It is essential that a ground plane be used on the board to provide all components with a low
inductive ground connection. Although a ground connection directly to a terminal of the THS6012 is not
necessarily required, it is recommended that the thermal pad of the package be tied to ground. This serves
two functions. It provides a low inductive ground to the device substrate to minimize internal crosstalk and it
provides the path for heat removal.
•
Input stray capacitance - To minimize potential problems with amplifier oscillation, the capacitance at the
inverting input of the amplifiers must be kept to a minimum. To do this, PCB trace runs to the inverting input
must be as short as possible, the ground plane must be removed under any etch runs connected to the
inverting input, and external components should be placed as close as possible to the inverting input. This is
especially true in the noninverting configuration. An example of this can be seen in Figure 44, which shows
what happens when 1.8 pF is added to the inverting input terminal in the noninverting configuration. The
bandwidth increases dramatically at the expense of peaking. This is because some of the error current is
flowing through the stray capacitor instead of the inverting node of the amplifier. Although, in the inverting
mode, stray capacitance at the inverting input has little effect. This is because the inverting node is at a virtual
ground and the voltage does not fluctuate nearly as much as in the noninverting configuration.
22
Copyright © 1998–2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com