Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS6012CDWPR Datasheet(PDF) 3 Page - Texas Instruments

Part # THS6012CDWPR
Description  500-mA DUAL DIFFERENTIAL LINE DRIVER
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS6012CDWPR Datasheet(HTML) 3 Page - Texas Instruments

  THS6012CDWPR Datasheet HTML 1Page - Texas Instruments THS6012CDWPR Datasheet HTML 2Page - Texas Instruments THS6012CDWPR Datasheet HTML 3Page - Texas Instruments THS6012CDWPR Datasheet HTML 4Page - Texas Instruments THS6012CDWPR Datasheet HTML 5Page - Texas Instruments THS6012CDWPR Datasheet HTML 6Page - Texas Instruments THS6012CDWPR Datasheet HTML 7Page - Texas Instruments THS6012CDWPR Datasheet HTML 8Page - Texas Instruments THS6012CDWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
9
8
7
6
5
A
B
C
D
E
F
3
2
1
G
H
J
4
2IN+
1N+
1IN–
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
VCC+
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
2IN–
NC
NC
NC
NC
VCC+
NOTE: Shaded terminals are used for thermal connection to the ground plane.
MicroStar Junior (GQE) Package
(TOP VIEW)
NC
NC
NC
NC
NC
THS6012
www.ti.com
SLOS226F – SEPTEMBER 1998 – REVISED JUNE 2012
Terminal Functions
TERMINAL
NAME
DWP PACKAGE NO.
GQE PACKAGE NO.
1OUT
2
A3
1IN-
5
F1
1IN+
4
D1
2OUT
19
A7
2IN-
16
F9
2IN+
17
D9
VCC+
3, 18
B1, B9
VCC-
1, 20
A4, A6
6, 7, 8 ,9, 10, 11, 12, 13,
NC
NA
14, 15
PIN ASSIGNMENTS
Copyright © 1998–2012, Texas Instruments Incorporated
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com