Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS6012CDWPR Datasheet(PDF) 6 Page - Texas Instruments

Part # THS6012CDWPR
Description  500-mA DUAL DIFFERENTIAL LINE DRIVER
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS6012CDWPR Datasheet(HTML) 6 Page - Texas Instruments

Back Button THS6012CDWPR Datasheet HTML 2Page - Texas Instruments THS6012CDWPR Datasheet HTML 3Page - Texas Instruments THS6012CDWPR Datasheet HTML 4Page - Texas Instruments THS6012CDWPR Datasheet HTML 5Page - Texas Instruments THS6012CDWPR Datasheet HTML 6Page - Texas Instruments THS6012CDWPR Datasheet HTML 7Page - Texas Instruments THS6012CDWPR Datasheet HTML 8Page - Texas Instruments THS6012CDWPR Datasheet HTML 9Page - Texas Instruments THS6012CDWPR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
VI
VO
+
–
RG
RF
RL
25
Ω
50
Ω
–15 V
15 V
+
–
1 k
Ω
VI
VO
25
Ω
50
Ω
1 k
Ω
Driver 1
+
–
1 k
Ω
VI
VO
25
Ω
50
Ω
1 k
Ω
Driver 2
THS6012
SLOS226F – SEPTEMBER 1998 – REVISED JUNE 2012
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
VCC = ±15 V, RL = 25 Ω, RF = 1 kΩ, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS(1)
MIN
TYP
MAX
UNIT
IOS
Short-circuit output current(2)
800
mA
RO
Output resistance
Open loop
13
Ω
POWER SUPPLY
Split supply
±4.5
±16.5
VCC
Power supply operating range
V
Single supply
9
33
VCC = ±5 V,
TA = full range
12
ICC
Quiescent current (each driver)
TA = 25°C
11.5
13
mA
VCC = ±15 V
TA = full range
15
TA = 25°C
-68
-74
VCC = ±5 V
dB
TA = full range
-65
PSRR
Power supply rejection ratio
TA = 25°C
-64
-72
VCC = ±15 V
dB
TA = full range
-62
PARAMETER MEASUREMENT INFORMATION
Figure 1. Input-to-Output Crosstalk Test Circuit
Figure 2. Test Circuit, Gain = 1 + (RF/RG)
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
vs Supply voltage
3
VO(PP)
Peak-to-peak output voltage
vs Load resistance
4
VIO
Input offset voltage
vs Free-air temperature
5
IIB
Input bias current
vs Free-air temperature
6
CMRR
Common-mode rejection ratio
vs Free-air temperature
7
Input-to-output crosstalk
vs Frequency
8
6
Copyright © 1998–2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com