Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDW5SN Datasheet(PDF) 13 Page - OSRAM GmbH

Part # LDW5SN
Description  Platinum DRAGON짰 Lead (Pb) Free Product - RoHS Compliant
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LDW5SN Datasheet(HTML) 13 Page - OSRAM GmbH

Back Button LDW5SN Datasheet HTML 9Page - OSRAM GmbH LDW5SN Datasheet HTML 10Page - OSRAM GmbH LDW5SN Datasheet HTML 11Page - OSRAM GmbH LDW5SN Datasheet HTML 12Page - OSRAM GmbH LDW5SN Datasheet HTML 13Page - OSRAM GmbH LDW5SN Datasheet HTML 14Page - OSRAM GmbH LDW5SN Datasheet HTML 15Page - OSRAM GmbH LDW5SN Datasheet HTML 16Page - OSRAM GmbH LDW5SN Datasheet HTML 17Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Released
LD W5SN, LB W5SN, LT W5SN
2008-01-08
13
Maximal zulässiger Durchlassstrom
Max. Permissible Forward Current
I
F = f (TS)
Zulässige Impulsbelastbarkeit
I
F = f (tp)
Permissible Pulse Handling Capability
Duty cycle
D = parameter, T
S = 25 °C
*The emitter die exhibits excellent performance but slight
package discoloration occurs at highest temperatures.
Zulässige Impulsbelastbarkeit
I
F = f (tp)
Permissible Pulse Handling Capability
Duty cycle
D = parameter, T
S = 85 °C
020
80
60
40
100
140
˚C
T
Do not use current below 100 mA
100
0
200
400
300
500
I
700
600
800
OHL02947
F
900
mA
1100
0.8
-5
F
I
A
t
P
=
D
T
tp
s
OHL02878
T
t
P
IF
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
10
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.8
0.5
1
0.005
0.05
0.2
0.1
0.02
0.01
D =
Exemplarische durchschnittliche Lebens-
dauer für mittlere Helligkeitsgruppe
2) Seite 20
Exemplary median Lifetime
2) page 20
for median Brightness Group
Bedingungen
Conditions
mittlere
Lebensdauer
median
Lifetime
Einheit
Unit
I
F = 500 mA
T
S = 25°C
25.000 (blue,
deep blue)
50.000 (green)
Betriebsstunden
operating hours
I
F = 1000 mA
T
S = 85°C
8.000 (blue,
deep blue)
20.000 (green)
Betriebsstunden
operating hours
I
F = 750 mA
T
S = 125°C
T
J = 150°C
1.000
Betriebsstunden
operating hours
I
F = 750 mA
T
S = 150°C
T
J = 175°C
100
Betriebsstunden
operating hours
0.8
-5
F
I
A
t
P
=
D
T
tp
s
OHL02878
T
t
P
IF
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
10
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.8
0.5
1
0.005
0.05
0.2
0.1
0.02
0.01
D =



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com