Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDW5SN Datasheet(PDF) 14 Page - OSRAM GmbH

Part # LDW5SN
Description  Platinum DRAGON짰 Lead (Pb) Free Product - RoHS Compliant
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LDW5SN Datasheet(HTML) 14 Page - OSRAM GmbH

Back Button LDW5SN Datasheet HTML 10Page - OSRAM GmbH LDW5SN Datasheet HTML 11Page - OSRAM GmbH LDW5SN Datasheet HTML 12Page - OSRAM GmbH LDW5SN Datasheet HTML 13Page - OSRAM GmbH LDW5SN Datasheet HTML 14Page - OSRAM GmbH LDW5SN Datasheet HTML 15Page - OSRAM GmbH LDW5SN Datasheet HTML 16Page - OSRAM GmbH LDW5SN Datasheet HTML 17Page - OSRAM GmbH LDW5SN Datasheet HTML 18Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
2008-01-08
14
Released
LD W5SN, LB W5SN, LT W5SN
Maßzeichnung
8) Seite 20
Package Outlines
8) page 20
Kathodenkennung:
Markierung
Cathode mark:
mark
Gewicht / Approx. weight:
0.2 g
Gurtung / Polarität und Lage
8) Seite 20
Verpackungseinheit 800/Rolle, ø180 mm
Method of Taping / Polarity and Orientation
8) page 20
Packing unit 800/reel, ø180 mm
GPLY6147
6.2 (0.244)
5.8 (0.228)
1.9 (0.075)
1.7 (0.067)
Cathode
(R0.85 (0.033))
0...0.1 (0.004)
0.29 (0.011)
0.24 (0.009)
1.1 (0.043)
0.9 (0.035)
1.6 (0.063)
2.0 (0.079)
ø0.81 (0.031)
4.25 (0.167)
ø0.73 (0.028)
4.15 (0.163)
Heat sink
C
A
Protection
Diode
0.65 (0.026)
0.45 (0.018)
OHAY0508
1.55 (0.061)
2 (0.079)
4 (0.157)
6.35 (0.250)
8 (0.315)
0.3 (0.012)
0.3 (0.012)
1.9 (0.075)
Cathode/Collector Side



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com