Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F570 Datasheet(PDF) 29 Page - Microchip Technology

Part # PIC16F570
Description  20-Pin, 8-Bit Flash Microcontroller
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F570 Datasheet(HTML) 29 Page - Microchip Technology

Back Button PIC16F570 Datasheet HTML 25Page - Microchip Technology PIC16F570 Datasheet HTML 26Page - Microchip Technology PIC16F570 Datasheet HTML 27Page - Microchip Technology PIC16F570 Datasheet HTML 28Page - Microchip Technology PIC16F570 Datasheet HTML 29Page - Microchip Technology PIC16F570 Datasheet HTML 30Page - Microchip Technology PIC16F570 Datasheet HTML 31Page - Microchip Technology PIC16F570 Datasheet HTML 32Page - Microchip Technology PIC16F570 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 134 page
background image
 2012-2014 Microchip Technology Inc.
DS40001652C-page 29
PIC16F527
6.6
Register Definitions — PORT Control
REGISTER 6-1:
PORTA: PORTA REGISTER
TABLE 6-1:
PORTA PINS ORDER OF PRECEDENCE
TABLE 6-2:
WEAK PULL-UP ENABLED PINS
REGISTER 6-2:
PORTB: PORTB REGISTER
TABLE 6-3:
PORTB PINS ORDER OF
PRECEDENCE
U-0
U-0
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
—
—
RA5
RA4
RA3
RA2
RA1
RA0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-6
Unimplemented: Read as ‘0’
bit 5-0
RA<5:0>: PORTA I/O Pin bits
1 = Port pin is >VIH min.
0 = Port pin is <VIL max.
Priority
RA5
RA4
RA3
RA2
RA1
RA0
1
OSC1
OSC2
RA3/MCLR
AN2
CVREF
AN0
2CLKIN
CLKOUT
—
C1OUT
AN1
C1IN+
3
TRISA5
AN3
—
T0CKI
C1IN-
TRISA0
4
—
TRISA4
—
TRISA2
TRISA1
—
Device
RA0 Weak Pull-up RA1 Weak Pull-up RA3 Weak Pull-up(1)
RA4 Weak Pull-up
PIC16F527
Yes
Yes
Yes
Yes
Note 1: When MCLRE = 1, the weak pull-up on MCLR is always enabled.
R/W-x
R/W-x
R/W-x
R/W-x
U-0
U-0
U-0
U-0
RB7
RB6
RB5
RB4
—
—
—
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-4
RB<7:4>: PORTB I/O Pin bits
1 = Port pin is >VIH min.
0 = Port pin is <VIL max.
bit 3-0
Unimplemented: Read as ‘0’
Priority
RB7
RB6
RB5
RB4
1
TRISB7 TRISB6
OP2+
OP2-
2
—
—
TRISB5
TRISB4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com