Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F570 Datasheet(PDF) 84 Page - Microchip Technology

Part # PIC16F570
Description  20-Pin, 8-Bit Flash Microcontroller
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F570 Datasheet(HTML) 84 Page - Microchip Technology

Back Button PIC16F570 Datasheet HTML 80Page - Microchip Technology PIC16F570 Datasheet HTML 81Page - Microchip Technology PIC16F570 Datasheet HTML 82Page - Microchip Technology PIC16F570 Datasheet HTML 83Page - Microchip Technology PIC16F570 Datasheet HTML 84Page - Microchip Technology PIC16F570 Datasheet HTML 85Page - Microchip Technology PIC16F570 Datasheet HTML 86Page - Microchip Technology PIC16F570 Datasheet HTML 87Page - Microchip Technology PIC16F570 Datasheet HTML 88Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 134 page
background image
PIC16F527
DS40001652C-page 84
 2012-2014 Microchip Technology Inc.
15.2
DC Characteristics: PIC16F527 (Extended)
DC Characteristics
Standard Operating Conditions (unless otherwise specified)
Operating Temperature -40
C  TA  +125C (extended)
Param.
No.
Sym.
Characteristic
Min.
Typ.(1)
Max.
Units
Conditions
D001
VDD
Supply Voltage
2.0
5.5
V
See Figure 15-1
D002
VDR
RAM Data Retention Voltage(2)
—
1.5*
—
V
Device in Sleep mode
D003
VPOR
VDD Start Voltage to ensure
Power-on Reset
—VSS
—
V
See Section 8.5 “Power-on Reset
(POR)” for details.
D004
SVDD
VDD Rise Rate to ensure
Power-on Reset
0.05*
—
—
V/ms
See Section 8.5 “Power-on Reset
(POR)” for details.
D005
IDDP
Supply Current During Prog/Erase
—
1.0*
—
mA
VDD = 5.0V
D010
IDD
Supply Current(3,4,6)
—
—
175
490
300
750
A
A
FOSC = 4 MHz, VDD = 2.0V
FOSC = 4 MHz, VDD = 5.0V
—
—
350
850
500
1300
A
A
FOSC = 8 MHz, VDD = 2.0V
FOSC = 8 MHz, VDD = 5.0V
—
1800
2500
AFOSC = 20 MHz, VDD = 5.0V
—
—
13
30
29
115
A
A
FOSC = 32 kHz, VDD = 2.0V
FOSC = 32 kHz, VDD = 5.0V
D020
IPD
Power-down Current(5)
—
—
0.1
0.35
9.0
15.0
A
A
VDD = 2.0V
VDD = 5.0V
D021
IBOR
BOR Current(5)
—
—
3.5
4.0
10
12
A
A
VDD = 3.0V
VDD = 5.0V
D022
IWDT
WDT Current(5)
—
—
1.0
8.0
18
22
A
A
VDD = 2.0V
VDD = 5.0V
D023
ICMP
Comparator Current(5)
—
—
15
60
30
92
A
A
VDD = 2.0V (per comparator)
VDD = 5.0V (per comparator)
D024
ICVREF
CVREF Current(5)
—
—
30
75
75
135
A
A
VDD = 2.0V (high range)
VDD = 5.0V (high range)
D025
IVFIR
Internal 0.6V Fixed Voltage
Reference Current(5)
—
—
100
175
135
235
A
A
VDD = 2.0V (reference and 1
comparator enabled)
VDD = 5.0V (reference and 1
comparator enabled)
D026
IAD2
A/D Current
—
—
0.5
0.8
10.0
16.0
A
A
2.0V, No conversion in progress
5.0V, No conversion in progress
D027
IOPA
Op Amp Current(5)
—
—
330
360
450
505
A
A
VDD = 2.0V
VDD = 5.0V
*
These parameters are characterized but not tested.
Note 1: Data in the Typical (“Typ”) column is based on characterization results at 25°C. This data is for design guidance only and
is not tested.
2: This is the limit to which VDD can be lowered in Sleep mode without losing RAM data.
3: The supply current is mainly a function of the operating voltage and frequency. Other factors such as bus loading,
oscillator type, bus rate, internal code execution pattern and temperature also have an impact on the current consumption.
4: The test conditions for all IDD measurements in active operation mode are:
OSC1 = external square wave, from rail-to-rail; all I/O pins tri-stated, pulled to VSS, T0CKI = VDD, MCLR = VDD; WDT
enabled/disabled as specified.
5: For standby current measurements, the conditions are the same as IDD, except that the device is in Sleep mode. If a
module current is listed, the current is for that specific module enabled and the device in Sleep.
6: Does not include current through REXT. The current through the resistor can be estimated by the formula:
I = VDD/2REXT (mA) with REXT in k
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com