Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F570 Datasheet(PDF) 30 Page - Microchip Technology

Part # PIC16F570
Description  20-Pin, 8-Bit Flash Microcontroller
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F570 Datasheet(HTML) 30 Page - Microchip Technology

Back Button PIC16F570 Datasheet HTML 26Page - Microchip Technology PIC16F570 Datasheet HTML 27Page - Microchip Technology PIC16F570 Datasheet HTML 28Page - Microchip Technology PIC16F570 Datasheet HTML 29Page - Microchip Technology PIC16F570 Datasheet HTML 30Page - Microchip Technology PIC16F570 Datasheet HTML 31Page - Microchip Technology PIC16F570 Datasheet HTML 32Page - Microchip Technology PIC16F570 Datasheet HTML 33Page - Microchip Technology PIC16F570 Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 134 page
background image
PIC16F527
DS40001652C-page 30
 2012-2014 Microchip Technology Inc.
REGISTER 6-3:
PORTC: PORTC REGISTER
TABLE 6-4:
PORTC PINS ORDER OF PRECEDENCE
REGISTER 6-4:
ANSEL REGISTER
TABLE 6-5:
REGISTERS ASSOCIATED WITH THE I/O PORTS
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
RC7
RC6
RC5
RC4
RC3
RC2
RC1
RC0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-0
RC<7:0>: PORTC I/O Pin bits
1 = Port pin is >VIH min.
0 = Port pin is <VIL max.
Priority
RC7
RC6
RC5
RC4
RC3
RC2
RC1
RC0
1
OP1+
OP1-
TRISC5
C2OUT
OP1
OP2
C2IN-
C2IN+
2
TRISC7
TRISC6
—
TRISC4
AN7
AN6
AN5
AN4
3
—
—
—
—
TRISC3
TRISC2
TRISC1
TRISC0
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
ANS7
ANS6
ANS5
ANS4
ANS3
ANS2
ANS1
ANS0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-0
ANS<7:0>: ADC Analog Input Pin Select(1), (2)
0
= Analog function on selected ANx pin is disabled
1
= ANx configured as an analog input
Note 1:
When the ANSx bits are set, the channels selected will automatically be forced into Analog mode,
regardless of the pin function previously defined, and the digital output drivers and input buffers will also
be disabled. Exceptions exist when there is more than one analog function active on the ANx pin. It is the
user’s responsibility to ensure that the ADC loading on the other analog functions does not affect their
application.
2: The ANS<7:0> bits are active regardless of the condition of ADON.
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
Power-On
Reset
Value on
MCLR and
WDT Reset
N/A
TRIS(1)
I/O Control Registers (TRISA, TRISB, TRISC)(1)
1111 1111
1111 1111
06h
PORTA
—
—
RA5
RA4
RA3
RA2
RA1
RA0
--xx xxxx
--uu uuuu
07h
PORTB
RB7
RB6
RB5
RB4
—
—
—
—
xxxx ----
uuuu ----
27h
PORTC
RC7
RC6
RC5
RC4
RC3
RC2
RC1
RC0
xxxx xxxx
uuuu uuuu
Legend:
x = unknown, u = unchanged, — = unimplemented, read as ‘0’, Shaded cells = unimplemented, read as ‘0’
Note 1:
TRISA3 is read-only ‘1’, and cannot be set as output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com