Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F1507-E/SS. Datasheet(PDF) 113 Page - Microchip Technology

Part # PIC16F1507-E/SS.
Description  20-Pin Flash, 8-Bit Microcontrollers
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1507-E/SS. Datasheet(HTML) 113 Page - Microchip Technology

Back Button PIC16F1507-E/SS. Datasheet HTML 109Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 110Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 111Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 112Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 113Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 114Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 115Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 116Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 117Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 278 page
background image
 2011-2015 Microchip Technology Inc.
DS40001586D-page 113
PIC16(L)F1507
13.0
FIXED VOLTAGE REFERENCE
(FVR)
The Fixed Voltage Reference (FVR) is a stable voltage
reference, independent of VDD, with a nominal output
level (VFVR) of 1.024V. The output of the FVR can be
configured to supply a reference voltage to the
following:
• ADC input channel
The FVR can be enabled by setting the FVREN bit of
the FVRCON register.
13.1
Independent Gain Amplifier
The output of the FVR supplied to the peripherals, (listed
above), is routed through a programmable gain amplifier.
Each amplifier can be programmed for a gain of 1x, 2x or
4x, to produce the three possible voltage levels.
The ADFVR<1:0> bits of the FVRCON register are
used to enable and configure the gain amplifier settings
for the reference supplied to the ADC module. Refer-
ence Section 15.0 “Analog-to-Digital Converter
(ADC) Module”
for additional information.
To minimize current consumption when the FVR is
disabled, the FVR buffers should be turned off by
clearing the Buffer Gain Selection bits.
13.2
FVR Stabilization Period
When the Fixed Voltage Reference module is enabled,
it requires time for the reference and amplifier circuits
to stabilize. Once the circuits stabilize and are ready for
use, the FVRRDY bit of the FVRCON register will be
set. See the FVR Stabilization Period characterization
graph, Figure 26-48.
FIGURE 13-1:
VOLTAGE REFERENCE BLOCK DIAGRAM
1x
2x
4x
ADFVR<1:0>
FVR_buffer1
(To ADC Module)
1.024V Fixed
Reference
+
-
FVREN
FVRRDY
2
Rev. 10-000053B
8/2/2013
Note 1
TABLE 13-1:
PERIPHERALS REQUIRING THE FIXED VOLTAGE REFERENCE (FVR)
Peripheral
Conditions
Description
HFINTOSC
FOSC<2:0> = 010 and
IRCF<3:0> = 000x
INTOSC is active and device is not in Sleep.
BOR
BOREN<1:0> = 11
BOR always enabled.
BOREN<1:0> = 10 and BORFS = 1
BOR disabled in Sleep mode, BOR Fast Start enabled.
BOREN<1:0> = 01 and BORFS = 1
BOR under software control, BOR Fast Start enabled.
LDO
All PIC16F1507 devices, when
VREGPM = 1 and not in Sleep
The device runs off of the Low-Power Regulator when in Sleep
mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com