Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F1507-E/SS. Datasheet(PDF) 117 Page - Microchip Technology

Part # PIC16F1507-E/SS.
Description  20-Pin Flash, 8-Bit Microcontrollers
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1507-E/SS. Datasheet(HTML) 117 Page - Microchip Technology

Back Button PIC16F1507-E/SS. Datasheet HTML 113Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 114Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 115Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 116Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 117Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 118Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 119Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 120Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 121Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 278 page
background image
 2011-2015 Microchip Technology Inc.
DS40001586D-page 117
PIC16(L)F1507
15.0
ANALOG-TO-DIGITAL
CONVERTER (ADC) MODULE
The
Analog-to-Digital
Converter
(ADC)
allows
conversion of an analog input signal to a 10-bit binary
representation of that signal. This device uses analog
inputs, which are multiplexed into a single sample and
hold circuit. The output of the sample and hold is
connected to the input of the converter. The converter
generates a 10-bit binary result via successive
approximation and stores the conversion result into the
ADC result registers (ADRESH:ADRESL register pair).
Figure 15-1 shows the block diagram of the ADC.
The ADC voltage reference is software selectable to be
either internally generated or externally supplied.
The ADC can generate an interrupt upon completion of
a conversion. This interrupt can be used to wake-up the
device from Sleep.
FIGURE 15-1:
ADC BLOCK DIAGRAM
Rev. 10-000033B
8/2/2013
VRPOS
VRNEG
Enable
Reserved
FVR_buffer1
Temp Indicator
CHS<4:0>
External
Channel
Inputs
GO/DONE
complete
start
ADC
Sample Circuit
Write to bit
GO/DONE
VSS
VDD
VREF+ pin
VDD
ADPREF
10-bit Result
ADRESH
ADRESL
16
ADFM
10
Internal
Channel
Inputs
.
.
.
AN0
ANa
ANz
set bit ADIF
VSS
ADON
sampled
input
Q1
Q2
Q4
Fosc
Divider
FOSC
FOSC/n
FRC
ADC
Clock
Select
ADC_clk
ADCS<2:0>
FRC
ADC CLOCK SOURCE
Trigger Select
Trigger Sources
. . .
TRIGSEL<3:0>
AUTO CONVERSION
TRIGGER
Positive
Reference
Select



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com